Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 3Page - STMicroelectronics L6732 Datasheet HTML 4Page - STMicroelectronics L6732 Datasheet HTML 5Page - STMicroelectronics L6732 Datasheet HTML 6Page - STMicroelectronics L6732 Datasheet HTML 7Page - STMicroelectronics L6732 Datasheet HTML 8Page - STMicroelectronics L6732 Datasheet HTML 9Page - STMicroelectronics L6732 Datasheet HTML 10Page - STMicroelectronics L6732 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
L6732
Pin connection and function
7/37
3
Pin connection and function
Figure 2.
Pin connection (top view)
Table 4.
Pin functions
Pin n.
Name
Function
1
PGOOD
This pin is an open collector output and it is pulled low if the output voltage
is not within the specified thresholds (90 %-110 %). If not used it may be left
floating. Pull-up this pin to VCCDR with a 10 k resistor to obtain a logical
signal.
2
SYNCH
It is a Master-Slave pin. Two or more devices can be synchronized by
simply connecting the SYNCH pins together. The device operating with the
highest FSW will be the Master. The Slave devices will operate with 180°
phase shift from the Master. The best way to synchronize devices together
is to set their FSW at the same value. If it is not used the SYNCH pin can
be left floating.
3
SGND
All the internal references are referred to this pin.
4
FB
This pin is connected to the error amplifier inverting input. Connect it to
VOUT through the compensation network. This pin is also used to sense the
output voltage in order to manage the over voltage conditions and the
PGood signal.
5
COMP
This pin is connected to the error amplifier output and is used to
compensate the voltage control feedback loop.
6
SS/INH
The soft-start time is programmed connecting an external capacitor from
this pin and GND. The internal current generator forces a current of 10 A
through the capacitor. When the voltage at this pin is lower than 0.5 V the
device is disabled.
1
2
3
4
5
6
11
12
HTSSOP16
13
14
15
16
SGND
EAREF
FB
PGOOD
SYNCH
COMP
VCC
LGATE
PHASE
SS/INH
PGND
7
10
VCCDR
BOOT
HGATE
8
9
OCL
OCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com