Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 17Page - STMicroelectronics L6732 Datasheet HTML 18Page - STMicroelectronics L6732 Datasheet HTML 19Page - STMicroelectronics L6732 Datasheet HTML 20Page - STMicroelectronics L6732 Datasheet HTML 21Page - STMicroelectronics L6732 Datasheet HTML 22Page - STMicroelectronics L6732 Datasheet HTML 23Page - STMicroelectronics L6732 Datasheet HTML 24Page - STMicroelectronics L6732 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
L6732
Device description
21/37
5.12
Bootstrap anti-discharging system
This built-in system avoids that the voltage across the bootstrap capacitor becomes less
than 3.3 V. An internal comparator senses the voltage across the external bootstrap
capacitor keeping it charged, eventually turning-on the low-side MOSFET for approximately
200 ns. If the bootstrap capacitor is not enough charged the high-side MOSFET cannot be
effectively turned-on and it will present a higher RDS(on). In some cases the OCP can be
also triggered. The bootstrap capacitor can be discharged during the soft-start in case of
very long soft-start time and light loads. It's also possible to mention one application
condition during which the bootstrap capacitor can be discharged:
5.12.1
Fan's power supply
In many applications the FAN is a DC MOTOR driven by a voltage-mode DC/DC converter.
Often only the speed of the MOTOR is controlled by varying the voltage applied to the input
terminal and there's no control on the torque because the current is not directly controlled.
In order to vary the MOTOR speed the output voltage of the converter must be varied. The
L6732 has a dedicated pin called EAREF (see the related section) that allows providing an
external reference to the non-inverting input of the error-amplifier.
In these applications the duty cycle depends on the MOTOR's speed and sometimes 100 %
has to be set in order to go at the maximum speed. Unfortunately in these conditions the
bootstrap capacitor can not be recharged and the system cannot work properly. Some PWM
controller limits the maximum duty-cycle to 80-90 % in order to keep the bootstrap cap
charged but this make worse the performance during the load transient. Thanks to the
“bootstrap anti-discharging system” the L6732 can work at 100 % without any problem. The
following picture shows the device behavior when input voltage is 5 V and 100 % is set by
the external reference.
Figure 16.
100 % duty cycle operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com