Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 25Page - STMicroelectronics L6732 Datasheet HTML 26Page - STMicroelectronics L6732 Datasheet HTML 27Page - STMicroelectronics L6732 Datasheet HTML 28Page - STMicroelectronics L6732 Datasheet HTML 29Page - STMicroelectronics L6732 Datasheet HTML 30Page - STMicroelectronics L6732 Datasheet HTML 31Page - STMicroelectronics L6732 Datasheet HTML 32Page - STMicroelectronics L6732 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
L6732
L6732 demonstration board
29/37
Table 8.
Other inductor manufacturer
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Wurth elektronic
744318180
1.8
20
SUMIDA
CDEP134-2R7MC-H
2.7
15
EPCOS
HPI_13 T640
1.4
22
TDK
SPM12550T-1R0M220
1
22
TOKO
FDA1254
2.2
14
COILTRONICS
HCF1305-1R0
1.15
22
HC5-1R0
1.3
27
Table 9.
Other capacitor manufacturer
Manufacturer
Series
Capacitor value (µF)
Rated voltage (V)
TDK
C4532X5R1E156M
15
25
C3225X5R0J107M
100
6.3
NIPPON CHEMI-CON
25PS100MJ12
100
25
PANASONIC
ECJ4YB0J107M
100
6.3
Figure 21.
Demonstration board efficiency
Fs w = 4 0 0 K H z
75. 00%
80. 00%
85. 00%
90. 00%
95. 00%
13
5
7
9
1 1
1 3
1 5
Io u t (A )
fsw = 500kHz
VIN = 5V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com