Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 16Page - STMicroelectronics L6732 Datasheet HTML 17Page - STMicroelectronics L6732 Datasheet HTML 18Page - STMicroelectronics L6732 Datasheet HTML 19Page - STMicroelectronics L6732 Datasheet HTML 20Page - STMicroelectronics L6732 Datasheet HTML 21Page - STMicroelectronics L6732 Datasheet HTML 22Page - STMicroelectronics L6732 Datasheet HTML 23Page - STMicroelectronics L6732 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Device description
L6732
20/37
5.11
Minimum on-time (TON, MIN)
The device can manage minimum on-times lower than 100 ns. This feature comes down
from the control topology and from the particular over-current-protection system of the
L6732. In fact, in a voltage mode controller the current has not to be sensed to perform the
regulation and, in the case of L6732, neither for the over-current protection, given that
during the off-time the valley-current-protection can operate in every case. The first
advantage related to this feature is the possibility to realize extremely low conversion ratios.
Figure 15 shows a conversion from 14 V to 0.3 V at 500 kHz with a TON of about 50 ns.
The on-time is limited by the turn-on and turn-off times of the MOSFETs.
Figure 15.
14 V -> 0.3 V @ 500 kHz, 5 A
50ns
VPHASE
IL
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com