Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 14Page - STMicroelectronics L6732 Datasheet HTML 15Page - STMicroelectronics L6732 Datasheet HTML 16Page - STMicroelectronics L6732 Datasheet HTML 17Page - STMicroelectronics L6732 Datasheet HTML 18Page - STMicroelectronics L6732 Datasheet HTML 19Page - STMicroelectronics L6732 Datasheet HTML 20Page - STMicroelectronics L6732 Datasheet HTML 21Page - STMicroelectronics L6732 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Device description
L6732
18/37
Equation 4
During soft-start the OC acts in constant current mode: a current control loop limits the value
of the error amplifier output (comp), in order to avoid its saturation and thus recover faster
when the output returns in regulation. Figure 12. shows the behavior of the device during an
over current condition that persists also in the soft-start phase.
L6732 provides under voltage (UV) protection: when the voltage on FB pin falls below 80 %
of the reference, the IC will enter HICCUP mode.
Feedback disconnection is also provided by sourcing a 100 nA current from FB pin. if FB
results being floating, the IC will detect and OV so latching its condition with Low Side
MOSFET firmly ON
5.9
Thermal shutdown
When the junction temperature reaches 150 °C ±10 °C the device enters in thermal
shutdown. Both MOSFETs are turned off and the soft-start capacitor is rapidly discharged
with an internal switch. The device doesn't restart until the junction temperature goes down
to 120 °C and, in any case, until the voltage at the soft-start pin reaches 500 mV.
5.10
Synchronization
The presence of many converters on the same board can generate beating frequency noise.
To avoid this it is important to make them operate at the same switching frequency.
Moreover, a phase shift between different modules helps to minimize the RMS current on
the common input capacitors. Figure 13 and Figure 14 shows the results of two modules in
synchronization. Two or more devices can be synchronized simply connecting together the
SYNCH pins. The device with the higher switching frequency will be the Master while the
Figure 12.
Constant current and hiccup mode during an OCP
MIN
ON
VALLEY
MAX
T
L
Vout
Vin
I
I
,
⋅
−
+
=
VSS
VCOMP
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com