Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 7Page - STMicroelectronics L6732 Datasheet HTML 8Page - STMicroelectronics L6732 Datasheet HTML 9Page - STMicroelectronics L6732 Datasheet HTML 10Page - STMicroelectronics L6732 Datasheet HTML 11Page - STMicroelectronics L6732 Datasheet HTML 12Page - STMicroelectronics L6732 Datasheet HTML 13Page - STMicroelectronics L6732 Datasheet HTML 14Page - STMicroelectronics L6732 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
L6732
Device description
11/37
5
Device description
5.1
Oscillator
The switching frequency can be fixed to two values: 250 kHz or 500 kHz by setting the
proper voltage at the EAREF pin (see Table 4. pins function and section 4.3 Internal and
external reference).
5.2
Internal LDO
An internal LDO supplies the internal circuitry of the device. The input of this stage is the
VCC pin and the output (5 V) is the VCCDR pin (Figure 3.).
The LDO can be by-passed, providing directly a 5 V voltage to VCCDR. In this case VCC and
VCCDR pins must be shorted together as shown in Figure 4. VCCDR pin must be filtered with
at least 1 µF capacitor to sustain the internal LDO during the recharge of the bootstrap
capacitor. VCCDR also represents a voltage reference for PGOOD pin (see Table 4. pins
function).
Figure 3.
LDO block diagram
LDO
4.5
÷14V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com