Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 24Page - STMicroelectronics L6732 Datasheet HTML 25Page - STMicroelectronics L6732 Datasheet HTML 26Page - STMicroelectronics L6732 Datasheet HTML 27Page - STMicroelectronics L6732 Datasheet HTML 28Page - STMicroelectronics L6732 Datasheet HTML 29Page - STMicroelectronics L6732 Datasheet HTML 30Page - STMicroelectronics L6732 Datasheet HTML 31Page - STMicroelectronics L6732 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
L6732 demonstration board
L6732
28/37
Table 7.
Demonstration board part list
Reference
Value
Manufacturer
Package
Supplier
R1
1 k
Neohm
SMD 0603
IFARCAD
R2
1 k
Neohm
SMD 0603
IFARCAD
R3
4 k7
R4
2 k7
Neohm
SMD 0603
IFARCAD
R5
0
Neohm
SMD 0603
IFARCAD
R6
N.C.
Neohm
SMD 0603
IFARCAD
R7
2 K
Neohm
SMD 0603
IFARCAD
R8
10
Neohm
SMD 0603
IFARCAD
R9
1 k5
Neohm
SMD 0603
IFARCAD
R10
2.2
Neohm
SMD 0603
IFARCAD
R11
2.2
Neohm
SMD 0603
IFARCAD
R12
N.C.
Neohm
SMD 0603
IFARCAD
R13
10 k
Neohm
SMD 0603
IFARCAD
C1
4.7 nF
Kemet
SMD 0603
IFARCAD
C2
47 nF
Kemet
SMD 0603
IFARCAD
C3
1 nF
Kemet
SMD 0603
IFARCAD
C4
100 nF
Kemet
SMD 0603
IFARCAD
C5
100 nF
Kemet
SMD 0603
IFARCAD
C6
N.C.
/
/
/
C7
100 nF
Kemet
SMD 0603
IFARCAD
C8
4.7 µF 20 V
AVX
SMA6032
IFARCAD
C9
1 nF
Kemet
SMD 0603
IFARCAD
C10
1 µF
Kemet
SMD 0603
IFARCAD
C11
220 nF
Kemet
SMD 0603
IFARCAD
C12-13
3X 15 µF
/
/
ST (TDK)
C15
N.C.
/
/
/
C16-19
2X 330 µF
/
/
ST (poscap)
L1
1.8 µH
Panasonic
SMD
ST
D1
STPS1L30M
ST
DO216AA
ST
D3
STPS1L30M
ST
DO216AA
ST
Q1-Q2
STS12NH3LL
ST
SO8
ST
Q4-Q5
STS25NH3LL
ST
SO8
ST
U1
L6732
ST
HTSSOP16
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com