Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6732 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6732
Description  Adjustable step-down controller with synchronous rectification
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6732 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6732 Datasheet HTML 23Page - STMicroelectronics L6732 Datasheet HTML 24Page - STMicroelectronics L6732 Datasheet HTML 25Page - STMicroelectronics L6732 Datasheet HTML 26Page - STMicroelectronics L6732 Datasheet HTML 27Page - STMicroelectronics L6732 Datasheet HTML 28Page - STMicroelectronics L6732 Datasheet HTML 29Page - STMicroelectronics L6732 Datasheet HTML 30Page - STMicroelectronics L6732 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
L6732
L6732 demonstration board
27/37
7
L6732 demonstration board
7.1
20 A board description and PCB layout
L6732 20 A demonstration board realizes in a four layer PCB a step-down DC/DC converter
and shows the operation of the device in a general purpose application. The input voltage
can range from 4.5 V to 14 V and the output voltage is at 3.3 V. The module can deliver an
output current in excess of 20 A. The switching frequency is set at 250 kHz (controller free-
running Fsw) but it can be set to 500 kHz acting on the EAREF pin.
Figure 20.
Demonstration board schematic
L1
Q1-3
Q4-6
D3
9
U1
L6732
VIN
VOUT
12
OCH
C11
GOUT
R9
C9
13
14
10
11
HGATE
PHASE
LGATE
PGND
7
VCC
16
VCC
6
SS
C4
BOOT
D1
15
VCCDR
C10
5
VFB
COMP
R3
R1
C1
R2
C2
C3
R4
R7
8
EAREF
C7
R8
4
3
GND
GIN
OCL
R10
R11
C12-C13
C16-C19
C5
R6
R5
C8
J1
R12
C15
EXT REF
J2
PGOOD
SYNCH
1
2
SYNCH
VCCDR
PGOOD
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com