Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7502 Datasheet HTML 2Page - STMicroelectronics TDA7502 Datasheet HTML 3Page - STMicroelectronics TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics TDA7502 Datasheet HTML 9Page - STMicroelectronics TDA7502 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Block diagram and PIN description
TDA7502
6/25
Table 1.
Pin description
N.
Name
Type
Reset
status
Function
1
VDD1
P
–
3.3V core supply.
2
GND1
G
–
Core ground.
3INT
I/O
–
External interrupt line (Input/Output). When this line is
asserted low, the DSP may be interrupted. Acts as IRQA
line of DSP core.
4
SCANEN
I
–
SCAN enable when active with TESTEN also active,
controls theshifting of the internal scan chains.
5
TESTEN
I
–
Test enable when active, puts the chip into test mode and
muxes the XTI clock to all flip-flops. When SCANEN is also
active, the scan chain shifting
6DBRQN
I
–
Debug port request Input. A means of entering the Debug
mode of operation.
7
DBOUT/GPIO2
I/O
I
The serial data output for the Debug port. Can also be
used as a GPIO.
8
VDD2
I
–
3.3V core supply.
9
GND2
I
–
Core ground.
10
DBCK/GPIO0
I/O
I
Debug port Bit Clock/Chip status 1. The serial clock for the
Debug Port is provided when an input. When an output,
provides information about the chip status. Can also be
used as GPIO
11
DBIN/GPIO1
I/O
I
Debug port Serial Input/Chip status 0. The serial data
input for the Debug Port is provided when an input. When
an output, provides information about the chip status. Can
also be used as GPIO.
12
CLKOUT
O
–
Output clock.
13
PGND
G
–
PLL clock ground Input. Ground connection for oscillator
circuit.
14
PVCC
P
–
PLL clock power supply. Positive supply for PLL clock
oscillator.
15
XTO (1)
O
High
Crystal oscillator output. Crystal oscillator output drive.
16
XTI (1)
I–
Crystal oscillator input. External clock input or crystal
connection.
17
RESET
I/O
I
System reset. A logic low level applied to RESET input
initializes DSPs. During debug mode if this pin is pulled
low in while the DBRQN line is pulled low then the DSP
pointed to by the DBSEL pin will be reset.
18
VDD3
P
–
3.3V supply.
19
GND3
G
–
Ground.
20
SDI0
I
–
SDI0 is a stereo digital audio data input pin channel 0.
21
SDI1
I
–
SDI1 is a stereo digital audio data input pin channel 1.
22
SDI2
I
–
SDI2 is a stereo digital audio data input pin channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com