Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7502 Datasheet HTML 1Page - STMicroelectronics TDA7502 Datasheet HTML 2Page - STMicroelectronics TDA7502 Datasheet HTML 3Page - STMicroelectronics TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics TDA7502 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
November 2006
Rev 11
1/25
1
TDA7502
In-car remote amplifier DSP
Features
■ 24-Bit fixed-point dsp core delivering up to 50
MIPS
■ 2 x 1024 x 24 Bit of RAM for X and Y data
memory.
■ 3072 x 24 Bit of RAM for program also usable
for delay
■ Serial audio interface.
■ Debug port.
■ Control interface for external GPIOs, interrupts,
and reset.
■ SPI and I2C for communication between
external micro and DSP. Both master and
slave operating modes.
■ PLL clock oscillator
■ 5V-tolerant 3.3V I/O interface
Description
This device is a high-performance, fully
programmable DSP, suitable for a wide range of
applications and particularly for audio and sound
processing. It contains a 24-bit 50 MIPS DSP
core, several interfaces for control and data, plus
a configurable PLL.
The computational power and the memory
configuration make this device particularly
suitable for in car equalisation. This device will
offer the best trade-off between performance and
cost when coupled with the TDA7535, or other
devices of the same family. A library of sound
processing functions is available for this device;
some of these functions are: parametric equaliser,
cross over filters, acoustic delay, dynamic
compression, vol/bass/treble/fader, active
equalisation, Stereo spatial enhancement and
more.
LQFP44 (10x 10x 1.4mm)
Order codes
Part numbers
Package
Packing
TDA7502
LQFP44 (10x 10x 1.4mm)
Tube
TDA7502013TR
LQFP44 (10x 10x 1.4mm)
Tape and Reel
www.st.com


Similar Part No. - TDA7502

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
IN-CAR REMOTE AMPLIFIER DSP
Apr-1999
More results

Similar Description - TDA7502

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
Car radio Digital Signal Processor DSP
1999 Aug 16
logo
STMicroelectronics
TDA7502 STMICROELECTRONICS-TDA7502 Datasheet
58Kb / 8P
IN-CAR REMOTE AMPLIFIER DSP
Apr-1999
logo
NXP Semiconductors
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
Sanyo Semicon Device
LC75010W SANYO-LC75010W Datasheet
128Kb / 12P
LC75010W Car Audio DSP
logo
STMicroelectronics
TDA7505 STMICROELECTRONICS-TDA7505 Datasheet
489Kb / 38P
Car radio DSP for advanced signal processing
23-Oct-2007
logo
ON Semiconductor
LC75055PE ONSEMI-LC75055PE Datasheet
293Kb / 26P
Car Audio DSP
April, 2014
LC75056PE ONSEMI-LC75056PE Datasheet
259Kb / 28P
Car Audio DSP
March 2015 - Rev. 2
logo
SHENZHEN FUMAN ELECTRON...
TX3E FUMAN-TX3E Datasheet
134Kb / 5P
Two-function remote control car IC built-in motor drive
logo
NXP Semiconductors
SAF7741HV NXP-SAF7741HV Datasheet
1Mb / 83P
Dual IF car radio and audio DSP
Rev. 05 - 09 May 2008
logo
ON Semiconductor
LV25810PEB ONSEMI-LV25810PEB Datasheet
1Mb / 28P
Bi-CMOS LSI Car DSP Tuner
June, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com