Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7502 Datasheet HTML 4Page - STMicroelectronics TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics TDA7502 Datasheet HTML 9Page - STMicroelectronics TDA7502 Datasheet HTML 10Page - STMicroelectronics TDA7502 Datasheet HTML 11Page - STMicroelectronics TDA7502 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical specifications
TDA7502
8/25
2
Electrical specifications
Warning:
Operation at or beyond these limit may result in permanent
damage to the device. Normal operation is not guaranteed at
these extremes.
Note:
50MHz internal DSP clock
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vdd
DC supply voltage
-0.5 to 4.6
V
Vin
Digital input voltage (XTI and XTO only)
-0.5 to (VDD +0.5)
V
Vin
Digital input voltage (1)
1.
When the IC is powered.
6.5
V
Tj
Operating junction temperature range
-40 to 125
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-amb
(1) Thermal resistance junction to ambient
68
°C/W
1.
In still air.
Table 4.
Recommended DC operating conditions
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vdd
3.3V power supply voltage
3.15
3.3
3.45
V
Table 5.
Current consumption
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Idd
Maximum current
@3.3V and Tj =125°C
250
mA
Table 6.
Pll characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Lock time (1)
@3.3V and Tj = 125°C
3
ms
Fvco
VCO frequency (2)
70
140
MHz
1.
Depending on VCO output frequency.
2.
Fdsp = Fvco/2 when PLL is running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com