Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7502 Datasheet HTML 12Page - STMicroelectronics TDA7502 Datasheet HTML 13Page - STMicroelectronics TDA7502 Datasheet HTML 14Page - STMicroelectronics TDA7502 Datasheet HTML 15Page - STMicroelectronics TDA7502 Datasheet HTML 16Page - STMicroelectronics TDA7502 Datasheet HTML 17Page - STMicroelectronics TDA7502 Datasheet HTML 18Page - STMicroelectronics TDA7502 Datasheet HTML 19Page - STMicroelectronics TDA7502 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
I2C timing
TDA7502
16/25
5
I2C timing
Figure 15.
Definition of timing for the I2C bus.
tBUF
SDA
SCL
D02AU1371
tHD:STA
tR
tSU:STA
tSU:STO
tHD:DAT
tF
tSU:DAT
tLOW
tHIGH
tHD:STA
Table 14.
Definitions
Symbol
Parameter
Test condition
Standard
mode
I2C bus
Fast mode
I2C bus
Unit
Min.
Max.
Min.
Max.
FSCL
SCLl clock frequency
0
100
0
400
kHz
tBUF
Bus free between a STOP and Start
Condition
4.7
–
1.3
–
μs
tHD:STA
Hold time (repeated) START condition.
After this period, the first clock pulse is
generated
4.0
–
0.6
–
μs
tLOW
LOW period of the SCL clock
4.7
–
1.3
–
μs
tHIGH
HIGH period of the SCL clock
4.0
–
0.6
–
μs
tSU:STA Set-up time for a repeated start condition
4.7
–
0.6
–
μs
tHD:DAT DATA hold time
0
–
0
0.9
μs
tR
Rise time of both SDA and SCL signals
Cb in pF
–
1000
20+0.1Cb
300
ns
tF
Fall time of both SDA and SCL signals
Cb in pF
–
300
20+0.1Cb
300
ns
tSU;STO Set-up time for STOP condition
4
–
0.6
–
μs
tSU:DAT Data set-up time
250
--
--
100
ns
Cb
Capacitive load for each bus line
–
400
–
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com