Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7502 Datasheet HTML 14Page - STMicroelectronics TDA7502 Datasheet HTML 15Page - STMicroelectronics TDA7502 Datasheet HTML 16Page - STMicroelectronics TDA7502 Datasheet HTML 17Page - STMicroelectronics TDA7502 Datasheet HTML 18Page - STMicroelectronics TDA7502 Datasheet HTML 19Page - STMicroelectronics TDA7502 Datasheet HTML 20Page - STMicroelectronics TDA7502 Datasheet HTML 21Page - STMicroelectronics TDA7502 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Functional description
TDA7502
18/25
6.2
DSP peripherals
There are a number of peripherals that are tightly coupled to the DSP Core. Each of the
peripherals are listed below and described in the following sections.
●
1024 x 24-Bit X-RAM.
●
1024 x 24-Bit Y-RAM.
●
3072 x 24-Bit program RAM.
●
512 x 24-Bit Boot ROM.
●
Serial audio interface (SAI).
●
Programmable control interface (SPI/I2C).
●
GPIO.
●
PLL clock oscillator.
6.3
Data and program memory
Each of the memories are described below.
6.3.1
1024 x 24-Bit X-RAM (XRAM)
This is a 1024 x 24-Bit single port SRAM used for storing coefficients. The 16-Bit XRAM
address, XABx(15:0) is generated by the address generation unit of the DSP core. The 24-
Bit XRAM Data, XDBx(23:0), may be written to and read from the data ALU of the DSP core.
The XDBx Bus is also connected to the internal bus switch so that it can be routed to and
from all peripheral blocks.
6.3.2
1024 x 24 Bit Y-RAM (YRAM)
This is a 1024 x 24-Bit single port SRAM used for storing coefficients. The 16-Bit address,
YABx(15:0) is generated by the address generation unit of the DSP core. The 24-Bit Data,
YDBx(23:0), is written to and read from the Data ALU of the DSP core. The YDBx Bus is
also connected to the internal bus switch so that it can be routed to and from other blocks.
6.3.3
3072 X 24-Bit Program RAM
This is a 3072 x 24-Bit single port SRAM used for storing and executing program code. The
16-Bit PRAM Address, PABx(15:0) is generated by the program address generator of the
DSP core for instruction fetching, and by the AGU in the case of the move program memory
(MOVEM) instruction. The 24-Bit PRAM Data (program code), PDBx(23:0), can only be
written to using the MOVEM instruction.
During instruction fetching the PDBx bus is routed to the program decode controller of the
DSP core for instruction decoding.
Spare space in the program area may be used as data memory to implement delay lines for
example.
6.3.4
512 x 24-Bit Bootstrap ROM (Boot ROM)
This is a 512 x 24-Bit factory programmed Boot ROM used for storing the program
sequence for initializing the DSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com