Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7502 Datasheet HTML 10Page - STMicroelectronics TDA7502 Datasheet HTML 11Page - STMicroelectronics TDA7502 Datasheet HTML 12Page - STMicroelectronics TDA7502 Datasheet HTML 13Page - STMicroelectronics TDA7502 Datasheet HTML 14Page - STMicroelectronics TDA7502 Datasheet HTML 15Page - STMicroelectronics TDA7502 Datasheet HTML 16Page - STMicroelectronics TDA7502 Datasheet HTML 17Page - STMicroelectronics TDA7502 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
SPI interfaces
TDA7502
14/25
Figure 10.
Debug port serial clock timing.
Figure 11.
Debug port acknowledge timing.
Table 13.
Debug port interface
No.
Characteristics
dclk = 40MHz
Unit
Min.
Max.
1
DBCK rise time
--
3
ns
2
DBCK fall time
--
3
ns
3
DBCK low
40
--
ns
4
DBCK high
40
--
ns
5
DBCK cycle time
200
--
ns
6
DBRQN asserted to DBOUT (ACK) asserted
5 TDSP
--
ns
7
DBCK high to DBOUT valid
--
42
ns
8
DBCK high to DBOUT invalid
3
--
ns
9
DBIN valid to DBCK low (set-up)
15
--
ns
10
DBCK low to DBIN invalid (hold)
3
--
ns
DBOUT (ACK) asserted to first DBCK high
2 Tc
--
ns
DBOUT (ACK) assertion width
4.5 TDSP - 3
5 TDSP + 7
ns
11
Last DBCK low of read register to first DBCK high
of next command
7 TDSP + 10
--
ns
12
Last DBCK low to DBOUT invalid (Hold)
3
--
ns
DBSEL setup to DBCK
TDSP
ns
(1)
(3)
(4)
(5)
(2)
DBCK
(input)
D02AU1363
(6)
DBRQN
(input)
DBOUT
(output)
D02AU1364
(ACK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com