Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7502 Datasheet HTML 16Page - STMicroelectronics TDA7502 Datasheet HTML 17Page - STMicroelectronics TDA7502 Datasheet HTML 18Page - STMicroelectronics TDA7502 Datasheet HTML 19Page - STMicroelectronics TDA7502 Datasheet HTML 20Page - STMicroelectronics TDA7502 Datasheet HTML 21Page - STMicroelectronics TDA7502 Datasheet HTML 22Page - STMicroelectronics TDA7502 Datasheet HTML 23Page - STMicroelectronics TDA7502 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Functional description
TDA7502
20/25
Every component hooked up to the I2C bus has its own unique address whether it is a CPU,
memory or some other complex function chip. Each of these chips can act as a receiver and
/or transmitter on its functionality.
6.3.8
General purpose input/output
The DSP requires a set of external general purpose input/output lines, and a reset line.
These signals are used by external devices to signal events to the DSP. The GPIO lines are
implemented as DSP's peripherals.
6.3.9
PLL clock oscillator
The PLL clock oscillator can accept an external clock at XTI or it can be configured to run an
internal oscillator when a crystal is connected across pins XTI & XTO. There is an input
divide block IDF (1 -> 32) at the XTI clock input and a multiply block MF (9 -> 128) in the PLL
loop. Hence the PLL can multiply the external input clock by a ratio MF/IDF to generate the
internal clock. This allows the internal clock to be within 2 MHz of any desired frequency
even when XTI is much greater than 1 MHz. It is recommended that the input clock is not
divided down to less than 1 MHz as this reduces the phase detector's update rate.
The clocks to the DSP can be selected to be either the VCO output divided by 2 to 16, or be
driven by the XTI pin directly.
The crystal oscillator and the PLL will be gated off when entering the power-down mode (by
setting a register on DSP0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com