Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7502 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7502
Description  In-car remote amplifier DSP
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7502 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7502 Datasheet HTML 5Page - STMicroelectronics TDA7502 Datasheet HTML 6Page - STMicroelectronics TDA7502 Datasheet HTML 7Page - STMicroelectronics TDA7502 Datasheet HTML 8Page - STMicroelectronics TDA7502 Datasheet HTML 9Page - STMicroelectronics TDA7502 Datasheet HTML 10Page - STMicroelectronics TDA7502 Datasheet HTML 11Page - STMicroelectronics TDA7502 Datasheet HTML 12Page - STMicroelectronics TDA7502 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TDA7502
Electrical specifications
9/25
Table 7.
Oscillator characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Fosc
Max oscillator frequency (XTI)
@ 3.3V and Tj = 125°C
8
12.5
MHz
Table 8.
General interface electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
lil
Low level input current without
pullup device
Vi = 0V
(1)
1
μA
lih
High level input current without
pullup device
Vi = Vdd
(1)
1
μA
Ioz
Tri-state output leakage without
pull up/down device
Vo = 0V or Vdd
(1)
1
μA
IozFT
5V tolerant tri-state output
leakage without pull up/down
device
Vo = 0V or Vdd
(1)
1
μA
Vo = 5.5V
1
3
μA
Ilatchup
I/O latch-up current
V < 0V, V > Vdd
200
mA
Vesd
Electrostatic protection
Leakage , 1
μA (2)
1500
V
1.
The leakage currents are generally very small, <1nA. The value given here, 1mA, ia amaximum that can occur after an
electrostatic stress on the pin.
2.
Human body model.
Table 9.
Low voltage TTL interface DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vil
Low level input voltage
(1)
0.8
V
Vih
High level input voltage
(1)
2V
Vilhyst
Low level threshold input falling
(1)
0.9
1.35
V
Vihhyst
Low level threshold input falling
(1)
1.3
1.9
V
Vhyst
Schmitt trigger hysteresis
(1)
0.4
0.7
V
Vol
Low level output voltage
Iol = XmA
(1) (2) (3)
0.4
V
Voh
High level output voltage
2.4
V
1.
TTL specifications only apply to the supply voltage range Vdd = 3.0V to 3.6V.
2.
Takes into account 200mV voltage drop in both supply lines.
3.
X is the source/sink current under worst case conditions and is reflected in the name of the I/O cell according to the drive
capability.
Table 10.
DSP core
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Fdsp
Maximum DSP clock frequency
@3.15V and Tj = 125°C
50
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com