Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 8Page - STMicroelectronics TDA7407 Datasheet HTML 9Page - STMicroelectronics TDA7407 Datasheet HTML 10Page - STMicroelectronics TDA7407 Datasheet HTML 11Page - STMicroelectronics TDA7407 Datasheet HTML 12Page - STMicroelectronics TDA7407 Datasheet HTML 13Page - STMicroelectronics TDA7407 Datasheet HTML 14Page - STMicroelectronics TDA7407 Datasheet HTML 15Page - STMicroelectronics TDA7407 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Audio processor part
TDA7407
12/46
VDC
DC steps
Adjacent attenuation steps
0.1
3
mV
From 0dB to GMIN
0.5
5
mV
Soft mute/AFS
AMUTE Mute attenuation
80
100
dB
TD
Delay time
T1
0.48
ms
T2
0.96
ms
T3
40.4
ms
T4
324
ms
VTH low Low threshold for SM-/AFS- Pin
(1)
1V
VTH high High threshold for SM-/AFS-Pin
2.5
V
RPD
Internal pull-up resistor
45
K
Ω
Bass control
CRANGE Control range
±13
±15
±17
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fC
Center frequency
fC1
54
60
66
Hz
fC2
63
70
77
Hz
fC3
72
80
88
Hz
fC4
90
100
(150)
(2)
110
Hz
QBASS Quality factor
Q1
0.911.1
Q2
1.1
1.25
1.4
Q3
1.3
1.5
1.7
Q4
1.822.2
DCGAIN Bass-DC-gain
DC = off
-1
0
1
dB
DC = on
3.5
4.4
5.5
dB
MID control
CRANGE Control range
±13
±15
±17
dB
ASTEP
Step resolution
0.5
1
1.5
dB
fC
Center frequency
fC1
450
500
550
Hz
fC2
0.911.1
kHz
fC3
1.35
1.5
1.65
kHz
fC4
1.822.2
kHz
Table 5.
Audio processor electrical characteristics (continued)
(VS = 9V; Tamb = 25°C; RL = 10KΩ; all gains = 0dB; f = 1KHz; unless otherwise
specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com