Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 24Page - STMicroelectronics TDA7407 Datasheet HTML 25Page - STMicroelectronics TDA7407 Datasheet HTML 26Page - STMicroelectronics TDA7407 Datasheet HTML 27Page - STMicroelectronics TDA7407 Datasheet HTML 28Page - STMicroelectronics TDA7407 Datasheet HTML 29Page - STMicroelectronics TDA7407 Datasheet HTML 30Page - STMicroelectronics TDA7407 Datasheet HTML 31Page - STMicroelectronics TDA7407 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Multipath detector
TDA7407
28/46
5.2.4
De-emphasis and Highcut.
The lowpass filter for the de-emphasis allows to choose between a time constant of 50
μs
and 75
μs (bit D7, stereo decoder byte).
The highcut control range will be in both cases
τ
HC = 2 · τDeemp. Inside the highcut control
range (between VHCH and VHCL) the LEVEL signal is converted into a 5 bit word which
controls the lowpass time constant between
τ
Deemp...3 · τDeemp. There by the resolution will
remain always 5 bits independently of the absolute voltage range between the VHCH and
VHCL values.
The highcut function can be switched off by I2C bus (bit D7, fieldstrength byte set to "0").
5.2.5
PLL and pilot tone detector
The PLL has the task to lock on the 19kHz pilotone during a stereo transmission to allow a
correct demodulation. The included detector enables the demodulation if the pilot tone
reaches the selected pilot tone threshold VPTHST. Two different thresholds are available. The
detector output (signal STEREO, see block diagram) can be checked by reading the status
byte of the TDA7407 via I2C bus.
5.2.6
Field strength control
The fieldstrength input is used to control the high cut and the stereoblend function. In
addition the signal can be also used to control the noiseblanker thresholds and as input for
the multipath detector.
Figure 21.
Relation between internal and external LEVEL voltage and setup of
stereoblend
Figure 22.
High cut characteristics
INTERNAL
VOLTAGES
t
D97AU639
VSBL
REF 5V
SETUP OF VST
INTERNAL
VOLTAGES
t
33%
REF 5V
SETUP OF VMO
LEVEL
LEVEL INTERN
FIELDSTRENGHT VOLTAGE
VST
VMO
LEVEL INTERN
42%
50%
58%
VSBL
VST
VMO
FIELDSTRENGHT VOLTAGE
LOWPASS
TIME CONSTANT
D97AU640
τDeemp
FIELDSTRENGHT
VHCH
VHCL
3
τDeemp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com