Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 16Page - STMicroelectronics TDA7407 Datasheet HTML 17Page - STMicroelectronics TDA7407 Datasheet HTML 18Page - STMicroelectronics TDA7407 Datasheet HTML 19Page - STMicroelectronics TDA7407 Datasheet HTML 20Page - STMicroelectronics TDA7407 Datasheet HTML 21Page - STMicroelectronics TDA7407 Datasheet HTML 22Page - STMicroelectronics TDA7407 Datasheet HTML 23Page - STMicroelectronics TDA7407 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Multipath detector
TDA7407
20/46
5
Multipath detector
Internal 19kHz band pass filter
Programmable band pass and rectifier gain
two pin solution fully independent usable for external programming
selectable internal influence on Stereoblend
Table 8.
Multipath electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
fCMP
Center frequency of
multipath-bandpass
stereo decoder locked on pilot tone
19
KHz
GBPMP
Bandpass gain
bits D2, D1 configuration byte = 00
6
dB
bits D2, D1 configuration byte = 10
12
dB
bits D2, D1 configuration byte = 01
16
dB
bits D2, D1 configuration byte = 11
18
dB
GRECTMP Rectifier gain
bits D7, D6 configuration byte = 00
7.6
dB
bits D7, D6 configuration byte = 01
4.6
dB
bits D7, D6 configuration byte = 10
0
dB
bits D7, D6 configuration byte = 11
off
dB
ICHMP
Rectifier charge current
bit D5 configuration byte = 0
0.5
μA
bit D5 configuration byte = 1
1.0
μA
IDISMP
Rectifier discharge current
0.5
1
1.5
mA
Table 9.
Quality detector
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
A
Multipath Influence factor
Addr. 12 / Bit 5+6
00
01
10
11
0.7
0.85
1.00
1.15
dB
dB
dB
dB
B
Noise influence factor
Addr. 16 / Bit 1+2
00
01
10
11
15
12
9
6
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com