Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 30Page - STMicroelectronics TDA7407 Datasheet HTML 31Page - STMicroelectronics TDA7407 Datasheet HTML 32Page - STMicroelectronics TDA7407 Datasheet HTML 33Page - STMicroelectronics TDA7407 Datasheet HTML 34Page - STMicroelectronics TDA7407 Datasheet HTML 35Page - STMicroelectronics TDA7407 Datasheet HTML 36Page - STMicroelectronics TDA7407 Datasheet HTML 37Page - STMicroelectronics TDA7407 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
I2C Bus interface description
TDA7407
34/46
6
I2C Bus interface description
6.1
Interface protocol
The interface protocol comprises:
–
a start condition (S)
–
a chip address byte (the LSB bit determines read / write transmission)
–
a subaddress byte
–
a sequence of data (N-bytes + acknowledge)
–
a stop condition (P
Table 10.
Addresses
D97AU627
S = Start
ACK = Acknowledge
AZ = AutoZero Remain
T = Testing
I = Auto increment
P = Stop
Max clock speed 500kbits/s
The transmitted data is automatically updated after each ACK. Transmission can be
repeated without new chip address.
6.2
Auto increment
If bit I in the subaddress byte is set to "1", the autoincrement of the subaddress is enabled.
Table 11.
Transmitted data (send mode)
SM = Soft mute activated
ST = Stereo
X = Not Used
Chip address
Subaddress
Data 1 to data n
MSB
LSB
MSB
LSB
MSB
LSB
S
1
000110 R/W ACK
X
AZ T
I A3 A2 A1 A0 ACK
DATA
ACK P
MSB
LSB
XX
XX
ST
SM
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com