Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 12Page - STMicroelectronics TDA7407 Datasheet HTML 13Page - STMicroelectronics TDA7407 Datasheet HTML 14Page - STMicroelectronics TDA7407 Datasheet HTML 15Page - STMicroelectronics TDA7407 Datasheet HTML 16Page - STMicroelectronics TDA7407 Datasheet HTML 17Page - STMicroelectronics TDA7407 Datasheet HTML 18Page - STMicroelectronics TDA7407 Datasheet HTML 19Page - STMicroelectronics TDA7407 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Stereo decoder part
TDA7407
16/46
3.1
Notes to the characteristics:
1.
Intermodulation suppression:
; fs = (2 x 10kHz) - 19kHz
; fs = (3 x 13kHz) - 38kHz
measured with: 91% pilot signal; fm = 10kHz or 13kHz.
2.
Traffic radio (V.F.) suppression: measured with: 91% stereo signal;
9% pilot signal; fm = 1kHz; 5% subcarrier (f = 57kHz, fm = 23Hz AM, m = 60%)
3.
SCA (Subsidiary Communications Authorization) measured with: 81% mono signal;
9% pilot signal; fm = 1kHz; 10% SCA - subcarrier (fs = 67kHz, unmodulated).
; Fs =(2 x 38kHz) - 67kHz
4.
ACI (Adjacent Channel Interference):
; Fs = 110kHz - (3 x 38kHz)
; Fs = 186kHz - (5 x 38kHz)
measured with: 90% mono signal; 9% pilot signal; fm =1kHz; 1% spurious signal
(fs = 110kHz or 186kHz, unmodulated).
α2
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
--------------------------------------------------------
=
α3
V
O signal
() at1kHz
()
V
O spurious
() at1kHz
()
--------------------------------------------------------
=
α57 V.W > F.
()
V
O signal
() at1kHz
()
V
O spurious
() at1kHz 23kHz
±
()
----------------------------------------------------------------------------
=
α67
V
O signal
() at1kHz
()
V
O spurious
() at9kHz
()
--------------------------------------------------------
=
α114
V
O signal
() at1kHz
()
V
O spurious
() at4kHz
()
--------------------------------------------------------
=
α114
V
O signal
() at1kHz
()
V
O spurious
() at4kHz
()
--------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com