Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 28Page - STMicroelectronics TDA7407 Datasheet HTML 29Page - STMicroelectronics TDA7407 Datasheet HTML 30Page - STMicroelectronics TDA7407 Datasheet HTML 31Page - STMicroelectronics TDA7407 Datasheet HTML 32Page - STMicroelectronics TDA7407 Datasheet HTML 33Page - STMicroelectronics TDA7407 Datasheet HTML 34Page - STMicroelectronics TDA7407 Datasheet HTML 35Page - STMicroelectronics TDA7407 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Multipath detector
TDA7407
32/46
Figure 24.
Block diagram of the multipath detector
5.4.1
Programming
To obtain a good multipath performance an adaptation is necessary. Therefore the gain of
the 19kHz bandpass is programmable in four steps as well as the rectifier gain. The attack
and decay times can be set by the external capacitor value.
5.4.2
Quality detector
The TDA7407 offers a quality detector output which gives a voltage representing the FM
reception conditions. To calculate this voltage the MPX noise and the multipath detector
output are summed according to the following formula:
Quality = 1.6 (Vnoise -0.8V)+ a (REF5V - VMPOUT)
The noise signal is the PEAK signal without additional influences. The factor "a" can be
programmed from 0.7 to 1.15. the output is a low impedance output able to drive external
circuitry as well as simply fed to an A/D converter for RDS applications.
5.4.3
AF Search Control
The TDA7407 is supplied with several functionality to support AF checks using the stereo
decoder. As mentioned already before the high ohmic mute feature avoids any clicks during
the jump condition. It is possible at the same time, to evaluate the noise and multipath
content of the alternate frequency, by using the quality detector output. Therefore the
multipath detector is switched automatically to a small time constant. No additional pin
(AFS) is implemented in order to separate the audioprocessor mute and stereo decoder AF
functions. In Figure 25 the block diagram and control functions of the complete AFS
functionality is shown (please note that the pins AFS and SM are active low as well as all
control bits indicated by an overbar).
5.5
Test mode
During the test mode, which can be activated by setting bit D0 of the testing byte and bit D5
of the subaddress byte to "1", several internal signals are available at the CASSR pin.
During this mode the input resistor of 100kOhm is disconnected from the pin. The internal
signals available are shown in the software specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com