Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 11Page - STMicroelectronics TDA7407 Datasheet HTML 12Page - STMicroelectronics TDA7407 Datasheet HTML 13Page - STMicroelectronics TDA7407 Datasheet HTML 14Page - STMicroelectronics TDA7407 Datasheet HTML 15Page - STMicroelectronics TDA7407 Datasheet HTML 16Page - STMicroelectronics TDA7407 Datasheet HTML 17Page - STMicroelectronics TDA7407 Datasheet HTML 18Page - STMicroelectronics TDA7407 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
TDA7407
Stereo decoder part
15/46
LGstep
LEVEL gain step resolution
0.3
0.67
1
dB
VSBLmin Min. voltage for mono
25
29
33
%REF5V
VSBLmax Min. voltage for mono
54
58
62
%REF5V
VSBLstep Step resolution
2.2
4.2
6.2
%REF5V
VHCHmin Min. voltage for NO highcut
38
42
46
%REF5V
VHCHmax Min. voltage for NO highcut
62
66
70
%REF5V
VHCHstep Step resolution
5
8.4
12
%REF5V
VHCLmin Min. voltage for full highcut
12
17
22
%VHCH
VHCLmax Max. voltage for full highcut
28
33
38
%VHCH
VHCLstep Step resolution
2.2
4.2
6.2
%VHCH
Carrier and harmonic suppression at the output
α19
Pilot signal f = 19KHz
40
50
dB
α38
Subcarrier f = 38KHz
75
dB
α57
Subcarrier f = 57KHz
62
dB
α76
Subcarrier f = 76KHz
90
dB
Intermodulation (Note 1)
α2f
mod = 10KHz, fspur = 1KHz
65
dB
α3f
mod = 13KHz, fspur = 1KHz
75
dB
Traffic Ratio (Note 2)
α57
Signal f = 57KHz
70
dB
SCA - Subsidiary communications authorization (note 3)
α67
Signal f = 67KHz
75
dB
ACI - Adjacent channel interference (note 4)
α114
Signal f = 114KHz
95
dB
α190
Signal f = 190KHz
84
dB
Table 6.
Stereo decoder electrical characteristics (continued)
(VS = 9V; de-emphasis time constant = 50μs,VMPX = 500mV (75KHz deviation),
fm= 1KHz, Gv = 6dB. Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com