Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7407 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7407
Description  Advanced car signal processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7407 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7407 Datasheet HTML 22Page - STMicroelectronics TDA7407 Datasheet HTML 23Page - STMicroelectronics TDA7407 Datasheet HTML 24Page - STMicroelectronics TDA7407 Datasheet HTML 25Page - STMicroelectronics TDA7407 Datasheet HTML 26Page - STMicroelectronics TDA7407 Datasheet HTML 27Page - STMicroelectronics TDA7407 Datasheet HTML 28Page - STMicroelectronics TDA7407 Datasheet HTML 29Page - STMicroelectronics TDA7407 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Multipath detector
TDA7407
26/46
5.2
Functional description of the stereo decoder
The stereo decoder part of the TDA7407 (see Figure 18) contains all functions necessary to
demodulate the MPX signal like pilot tone dependent MONO/STEREO switching as well as
"stereoblend" and "highcut" functions.
5.2.1
Stereo decoder Mute
The TDA7407 has a fast and easy to control RDS mute function which is a combination of
the audioprocessor's softmute and the high ohmic mute of the stereo decoder. If the stereo
decoder is selected and a softmute command is sent (or activated through the SM pin), the
stereo decoder will be set automatically to the high ohmic mute condition after the audio
signal has been softmuted.
Hence a checking of alternate frequencies could be performed. To release the system from
the mute condition, the unmute command must be sent: the stereo decoder is unmuted
immediately and the audioprocessor is softly unmuted. Figure 19 shows the output signal
VO as well as the internal stereo decoder mute signal. This influence of Softmute on the
stereo decoder mute can be switched off by setting bit 3 of the Softmute byte to "0". A stereo
decoder mute command (bit 0, stereo decoder byte set to "1") will set the stereo decoder in
any case independently to the high ohmic mute state.
Figure 18.
Block diagram of the stereo decoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com