Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 6Page - STMicroelectronics PM6675AS Datasheet HTML 7Page - STMicroelectronics PM6675AS Datasheet HTML 8Page - STMicroelectronics PM6675AS Datasheet HTML 9Page - STMicroelectronics PM6675AS Datasheet HTML 10Page - STMicroelectronics PM6675AS Datasheet HTML 11Page - STMicroelectronics PM6675AS Datasheet HTML 12Page - STMicroelectronics PM6675AS Datasheet HTML 13Page - STMicroelectronics PM6675AS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Electrical characteristics
PM6675AS
10/48
Table 6.
Electrical characteristics (continued)
TA = -25 °C to 85 °C , VCC = AVCC = +5 V, LIN = 1.5 V and LOUT= 0.6 V if not otherwise
specified. (1)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Current limit and zero crossing comparator
ICSNS
CSNS input bias current
90
100
110
µA
Comparator offset
-6
6
mV
Positive current limit threshold
VPGND - VCSNS
100
fixed negative current limit
threshold
110
VZC,OFFS
Zero crossing comparator offset
-11
-5
1
High and low side gate drivers
HGATE driver on-resistance
HGATE high state (pullup)
2.0
3
Ω
HGATE low state (pulldown)
1.8
2.7
LGATE driver on-resistance
LGATE high state (pullup)
1.4
2.1
LGATE low state (pulldown)
0.6
0.9
UVP/OVP protections and PGOOD signals
OVP
Over voltage threshold
112
115
118
%
UVP
Under voltage threshold
67
70
73
PGOOD
SMPS upper threshold
107
110
113
SMPS lower threshold
86
90
93
LDO upper threshold
107
110
113
LDO lower threshold
86
90
93
IPG,LEAK
SPG and LPG leakeage current
SPG and LPG forced to 5.5 V
1
µA
VPG,LOW
SPG and LPG low level voltage
ILPG,SINK = ISPG,SINK = 4 mA
150
250
mV
Soft-start section (SMPS)
Soft-start ramp time
(4 steps current limit)
23
4
ms
Soft-start current limit step
25
µA
Soft end section
Switching section discharge
resistance
15
25
35
Ω
LDO section discharge resistance
15
25
35
LDO section
VLREF
LDO reference voltage
600
mV
LDO output accuracy respect to
VREF
-1 mA < ILDO < 1 mA
-20
20
-1 A < ILDO < 1 A
-25
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com