Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 27 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 23Page - STMicroelectronics PM6675AS Datasheet HTML 24Page - STMicroelectronics PM6675AS Datasheet HTML 25Page - STMicroelectronics PM6675AS Datasheet HTML 26Page - STMicroelectronics PM6675AS Datasheet HTML 27Page - STMicroelectronics PM6675AS Datasheet HTML 28Page - STMicroelectronics PM6675AS Datasheet HTML 29Page - STMicroelectronics PM6675AS Datasheet HTML 30Page - STMicroelectronics PM6675AS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
PM6675AS
Device description
27/48
7.1.5
Current sensing and current limit
The PM6675AS switching controller employes a valley current sensing algorithm to properly
handle the current limit protection and the inductor current zero-crossing information. The
current is sensed during the conduction time of the low-side MOSFET. The current sensing
element is the low-side MOSFET on-resistance. The sensing scheme is visible in Figure 30.
Figure 30.
Current sensing scheme
An internal 100
µA current source is connected to CSNS pin that is also the non-inverting
input of the positive current limit comparator. When the voltage drop developed across the
sensing parameter equals the voltage drop across the programming resistor RILIM, the
controller skips subsequent cycles until the overcurrent is detected or the output UV
protection latches off the device (see par. Chapter 7.1.4 UV and OV Protections).
Referring to Figure 30, the RDSon sensing technique is tailored to all low cost, high
efficiency applications.
It must be taken into account that the current limit circuit actually regulates the inductor
valley current. This means that RILIM must be calculated to set a limit threshold given by the
maximum DC output current plus half of the inductor ripple current:
Equation 21
where RSENSE is the sensing device (RDSon).
The PM6675AS provides also a fixed negative current limit to prevent excessive reverse
inductor current when the switching section sinks current from the load in forced-PWM (3rd
quadrant working conditions). This negative current limit threshold is measured between
PHASE and PGND pins, comparing the drop magnitude on PHASE pin with an internal
110mV fixed voltage.
RILIM
HGATE
PHASE
CSNS
LGATE
PGND
SENSE
ILIM
CL
R
R
A
100
I
µ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com