Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 41 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 41 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 37Page - STMicroelectronics PM6675AS Datasheet HTML 38Page - STMicroelectronics PM6675AS Datasheet HTML 39Page - STMicroelectronics PM6675AS Datasheet HTML 40Page - STMicroelectronics PM6675AS Datasheet HTML 41Page - STMicroelectronics PM6675AS Datasheet HTML 42Page - STMicroelectronics PM6675AS Datasheet HTML 43Page - STMicroelectronics PM6675AS Datasheet HTML 44Page - STMicroelectronics PM6675AS Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
PM6675AS
Application information
41/48
8.1.5
Diode selection
A rectifier across the synchronous switch is recommended. The rectifier works as a voltage
clamp across the synchronous rectifier and reduces the negative inductor swing during the
dead time between turning the high-side MOSFET off and the synchronous rectifier on.
Moreover it increases the efficiency of the system.
The reverse voltage should be greater than the maximum input voltage VINmax and a
minimum recovery reverse charge is preferable. Table 17 shows some evaluated diodes.
8.1.6
VOUT current limit setting
The valley current limit is set by RCSNS and must be chosen to support the maximum load
current. The valley of the inductor current ILvalley is:
Equation 45
The output current limit depends on the current ripple as shown in Figure 38:
Figure 38.
Valley current limit waveforms
Being fixed the valley threshold, the more the current ripple is greater, the more the DC
output current is greater. If an output current limit greater than over all the input voltage
range is required, the minimum current ripple must be considered in the previous formula.
Then the resistor RCSNS is:
Equation 46
Table 17.
Evaluated free-wheeling rectifiers
Manufacturer
Type
Forward voltage (V)
Rated reverse
voltage (V)
ST
STPS1L30M
0.34
30
ST
STPS1L30A
0.34
30
ST
STPS1L60A
0.56
60
2
I
(max)
I
I
L
LOAD
Lvalley
=
Inductor current
Valley current limit
MAX LOAD 1
MAX LOAD 2
Current
Time
Inductor current
uA
100
I
R
R
Lvalley
DSon
CSNS
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com