Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 14Page - STMicroelectronics PM6675AS Datasheet HTML 15Page - STMicroelectronics PM6675AS Datasheet HTML 16Page - STMicroelectronics PM6675AS Datasheet HTML 17Page - STMicroelectronics PM6675AS Datasheet HTML 18Page - STMicroelectronics PM6675AS Datasheet HTML 19Page - STMicroelectronics PM6675AS Datasheet HTML 20Page - STMicroelectronics PM6675AS Datasheet HTML 21Page - STMicroelectronics PM6675AS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Device description
PM6675AS
18/48
Referring to the typical application schematic (fig. 1 and 23), the final expression is then:
Figure 23.
Switching frequency selection and VOSC pin
Equation 5
Even if the switching frequency is theoretically independent from input and output voltages,
parasitic parameters involved in power path (like MOSFET on-resistance and inductor DCR)
introduce voltage drops responsible of a slight dependence on load current.
In addition, the internal delay is cause of a light dependence from input voltage.
The PM6675AS switching frequency can be set by an external divider connected to the
VOSC pin.
The voltage seen at this pin must be greater than 0.8 V and lower than 2 V in order to
ensure system's linearity.
7.1.1
Constant-on-time architecture
Figure 24
shows the simplified block diagram of the Constant-On-Time controller.
The switching regulator of the PM6675AS owns a one-shot generator that turns on the high-
side MOSFET when the following conditions are simultaneously satisfied: the PWM
comparator is high (i.e. output voltage is lower than Vr = 0.6 V), the synchronous rectifier
current is below the current limit threshold and the minimum off-time has expired.
A minimum off-time constrain (300 ns typ.) is introduced to assure the boot capacitor charge
and allow inductor valley current sensing on low-side MOSFET. A minimum On-Time is also
introduced to assure the start-up switching sequence.
Once the on-time has timed out, the high side switch is turned off, while the synchronous
rectifier is ignited according to the anti-cross conduction management circuitry.
When the output voltage reaches the valley limit (determined by internal reference
Vr=0.6 V), the low-side MOSFET is turned off according to the anti-cross conduction logic
once again, and a new cycle begins.
PM6675AS
VOSC
R1
R2
VIN
OSC
2
1
2
OSC
OSC
SW
K
1
R
R
R
K
f
+
=
α
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com