Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 40 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 40 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 36Page - STMicroelectronics PM6675AS Datasheet HTML 37Page - STMicroelectronics PM6675AS Datasheet HTML 38Page - STMicroelectronics PM6675AS Datasheet HTML 39Page - STMicroelectronics PM6675AS Datasheet HTML 40Page - STMicroelectronics PM6675AS Datasheet HTML 41Page - STMicroelectronics PM6675AS Datasheet HTML 42Page - STMicroelectronics PM6675AS Datasheet HTML 43Page - STMicroelectronics PM6675AS Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
Application information
PM6675AS
40/48
In buck converters the power dissipation of the synchronous MOSFET is mainly due to
conduction losses:
Equation 43
Maximum conduction losses occur at the maximum input voltage:
Equation 44
The synchronous rectifier should have the lowest RDSon as possible. When the high-side
MOSFET turns on, high dV/dt of the phase node can bring up even the low-side gate
through its gate-drain capacitance CRES, causing cross-conduction problem. Once again,
the choice of the low-side MOSFET is a trade-off between on resistance and gate charge; a
good selection should minimizes the ratio CRSS / CGS where CGS = CISS - CRSS.
Below some tested low-side MOSFETs are listed.
Dual N-MOS can be used in applications with low output current.
Figure 16
shows some suitable dual MOSFETs for applications requiring about 3 A.
Table 14.
Evaluated high-side MOSFETs
Manufacturer
Type
RDSon (mΩ)
Gate charge (Nc)
Rated reverse voltage (V)
ST
STS12NH3LL
10.5
12
30
ST
STS7NF60L
17
25
60
IR
IRF7811
9
18
30
Table 15.
Evaluated low-side MOSFETs
Manufacturer
Type
RDSon (mΩ)
Rated reverse voltage
(V)
ST
STS12NH3LL
13.5
0.069
30
ST
STS25NH3LL
40
0.011
30
IR
IRF7811
24
0.054
30
Table 16.
Suitable dual MOSFETs
Manufacturer
Type
RDSon (mΩ)
Gate charge (nC)
Rated reverse
voltage (V)
ST
STS8DNH3LL
25
10
30
IR
IRF7313
46
33
30
conduction
DLowSide
P
P
2
MAX
,
LOAD
MAX
,
IN
OUT
DSon
conduction
I
V
V
1
R
P
=
GS
GD
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com