Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 14 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 10Page - STMicroelectronics PM6675AS Datasheet HTML 11Page - STMicroelectronics PM6675AS Datasheet HTML 12Page - STMicroelectronics PM6675AS Datasheet HTML 13Page - STMicroelectronics PM6675AS Datasheet HTML 14Page - STMicroelectronics PM6675AS Datasheet HTML 15Page - STMicroelectronics PM6675AS Datasheet HTML 16Page - STMicroelectronics PM6675AS Datasheet HTML 17Page - STMicroelectronics PM6675AS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Typical operating characteristics
PM6675AS
14/48
Figure 10.
VOUT = 1.5V , VIN = 24V,
IVOUT = 0 A, forced-PWM mode
Figure 11.
VOUT = 1.5 V, VIN = 24 V, no load,
Non-audible pulse-skip mode
(33 kHz)
Figure 12.
VOUT Soft-start @150m
Ω load,
pulse-skip mode
Figure 13.
LOUT turn on, VOUT in pulse-skip
mode
Figure 14.
VOUT Load Transient (VIN = 24 V,
LOAD = 0 A -> 7 A @2.5 A/
µs).
pulse-skip mode
Figure 15.
LOUT load transient (VIN = 24 V,
LOAD = -1.5 A -> 1.5 A @2.5 A/
µs).
pulse-skip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com