Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 1 Page - STMicroelectronics

  PM6675AS Datasheet HTML 1Page - STMicroelectronics PM6675AS Datasheet HTML 2Page - STMicroelectronics PM6675AS Datasheet HTML 3Page - STMicroelectronics PM6675AS Datasheet HTML 4Page - STMicroelectronics PM6675AS Datasheet HTML 5Page - STMicroelectronics PM6675AS Datasheet HTML 6Page - STMicroelectronics PM6675AS Datasheet HTML 7Page - STMicroelectronics PM6675AS Datasheet HTML 8Page - STMicroelectronics PM6675AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
February 2008
Rev 1
1/48
PM6675AS
High efficiency step-down controller
with embedded 2 A LDO regulator
Features
Switching section
– 4.5 V to 36 V input voltage range
– 0.6 V, ±1 % voltage reference
– Selectable 1.5 V fixed output voltage
– Adjustable 0.6 V to 3.3 V output voltage
– 1.237 V ±1 % reference voltage available
– Very fast load transient response using
constant-on-time control loop
–No RSENSE current sensing using low side
MOSFETs' RDS(ON)
– Negative current limit
– Latched OVP and UVP
– Soft-start internally fixed at 3 ms
– Selectable pulse skipping at light load
– Selectable No-audible (33 kHz) pulse skip
mode
– Ceramic output capacitors supported
– Output voltage ripple compensation
– Output soft-end
LDO regulator section
– Adjustable 0.6 V to 3.3 V output voltage
– Selectable ±1 Apk or ±2 Apk current limit
– Dedicated power-good signal
– Ceramic output capacitors supported
– Output soft-end
Applications
Industrial application on 24 V
Graphic cards
Embedded computer systems
Description
The PM6675AS device consists of a single high
efficiency step-down controller and an
independent low drop-out (LDO) linear regulator.
The constant on-time (COT) architecture assures
fast transient response supporting both
electrolytic and ceramic output capacitors. An
embedded integrator control loop compensates
the DC voltage error due to the output ripple.
Selectable low-consumption mode allows the
highest efficiency over a wide range of load
conditions. The low-noise mode sets the minimum
switching frequency to 33 kHz for audio-sensitive
applications. The LDO linear regulator can sink
and source up to 2 Apk. Two fixed current limit
(±1 A- ±2 A) can be chosen.
An active soft-end is independently performed on
both the switching and the linear regulators
outputs when disabled.
VFQFPN-24 4x4
Table 1.
Device summary
Order codes
Package
Packaging
PM6675AS
VFQFPN-24 4x4 (exposed pad)
Tube
PM6675ASTR
Tape and reel
www.st.com


Similar Part No. - PM6675AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6675A STMICROELECTRONICS-PM6675A Datasheet
265Kb / 15P
Latched OVP and UVP
11-Oct-2006
More results

Similar Description - PM6675AS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
STMicroelectronics
PM6675S STMICROELECTRONICS-PM6675S Datasheet
2Mb / 53P
High efficiency step-down controller with embedded 2 A LDO regulator
14-Feb-2008
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3 Datasheet
269Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
logo
Rohm
BD9775FV ROHM-BD9775FV_11 Datasheet
426Kb / 15P
High Efficiency Step-down Switching Regulator Controller
logo
Analog Devices
ADP1147 AD-ADP1147_15 Datasheet
203Kb / 12P
High Efficiency Step-Down Switching Regulator Controller
REV. 0
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
logo
Linear Technology
LT1432-3.3 LINER-LT1432-3.3_15 Datasheet
275Kb / 8P
3.3V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
5V High Efficiency Step-Down Switching Regulator Controller
logo
ON Semiconductor
LV5068V ONSEMI-LV5068V Datasheet
119Kb / 6P
high efficiency Step-down Switching Regulator Controller
August, 2013
logo
STMicroelectronics
STEVAL-ISB002V1 STMICROELECTRONICS-STEVAL-ISB002V1 Datasheet
122Kb / 4P
High efficiency step-down controller demonstration board with embedded 2 A LDO regulator based on the ST72F324L
19-Nov-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com