Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6675AS Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 13Page - STMicroelectronics PM6675AS Datasheet HTML 14Page - STMicroelectronics PM6675AS Datasheet HTML 15Page - STMicroelectronics PM6675AS Datasheet HTML 16Page - STMicroelectronics PM6675AS Datasheet HTML 17Page - STMicroelectronics PM6675AS Datasheet HTML 18Page - STMicroelectronics PM6675AS Datasheet HTML 19Page - STMicroelectronics PM6675AS Datasheet HTML 20Page - STMicroelectronics PM6675AS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
PM6675AS
Device description
17/48
The Off-Time duration is solely determined by the output voltage: when lower than the set
value (i.e. the voltage at VSNS pin is lower than the internal reference = 0.6 V), the
synchronous rectifier is turned off and a new cycle begins (Figure 22).
Figure 22.
Inductor current and output voltage in steady state conditions
The duty-cycle of the buck converter is, in steady-state conditions, given by
Equation 2
The switching frequency is thus calculated as
Equation 3
where
Equation 4 a
Equation 4 b
Ton
Toff
Inductor
current
t
Output
voltage
Vreg
IN
OUT
V
V
D
=
OSC
OUT
OSC
OSC
SNS
OSC
IN
OUT
ON
SW
K
1
V
V
K
V
V
T
D
f
α
α
=
=
=
IN
OSC
OSC
V
V
=
α
OUT
SNS
OUT
V
V
=
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com