Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 121 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 117Page - STMicroelectronics STV8247D Datasheet HTML 118Page - STMicroelectronics STV8247D Datasheet HTML 119Page - STMicroelectronics STV8247D Datasheet HTML 120Page - STMicroelectronics STV8247D Datasheet HTML 121Page - STMicroelectronics STV8247D Datasheet HTML 122Page - STMicroelectronics STV8247D Datasheet HTML 123Page - STMicroelectronics STV8247D Datasheet HTML 124Page - STMicroelectronics STV8247D Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 156 page
background image
121/156
STV82x7
Register List
OUTPUT_BASS_MNGT
LS_LOUDNESS
Address: D4h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BASS_
MANAGE_ON
0
SUB_ACTIVE
GAIN_
SWITCH
0
OCFG_NUM[2:0]
Bit Name
Reset
Function
BASS_MANAGE_ON
1
0: BassManagement disables
1: BassManagement enabled
Bit 6
0
Reserved.
SUB_ACTIVE
0
0: Subwoofer output is disabled (only in config 2,3,4)
1: Subwoofer output is active
GAIN_
SWITCH
0
0: Level adjustment ON
1: Level adjustment OFF
OCFG_NUM
000
000: Bass Management Configuration 0 (refer to Figure 14)
001: Bass Management Configuration 1 (refer to Figure 15)
010: Bass Management Configuration 2 (refer to Figure 16)
011: Bass Management Configuration 3 (refer to Figure 17)
100: Bass Management Configuration 4 (refer to Figure 18)
Bit 3
0
Reserved.
Address: D5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
LS_LOUD_THRESHOLD[2:0]
LS_LOUD_GAIN_HR[2:0]
LS_
LOUD_ON
Bit Name
Reset
Function
Bit 7
0
Reserved.
LS_LOUD_
THRESHOLD[2:0]
000
Define the volume threshold level since which loudness effect is applied :
000: 0 dB
100: -24 dB
001: -6 dB
101: -32 dB
010: -12 dB
110: -36 dB
011: -18 dB
111: -42 dB
LS_LOUD_GAIN_
HR[2:0]
010
Define the amount of Treble added by loudness effect:
000: 0 dB
100: 12 dB
001: 3 dB
101: 15 dB
010: 6 dB
110: 18 dB
011: 9 dB
111: 21 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com