Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8247D Datasheet(PDF) 123 Page - STMicroelectronics

Part # STV8247D
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8247D Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STV8247D Datasheet HTML 119Page - STMicroelectronics STV8247D Datasheet HTML 120Page - STMicroelectronics STV8247D Datasheet HTML 121Page - STMicroelectronics STV8247D Datasheet HTML 122Page - STMicroelectronics STV8247D Datasheet HTML 123Page - STMicroelectronics STV8247D Datasheet HTML 124Page - STMicroelectronics STV8247D Datasheet HTML 125Page - STMicroelectronics STV8247D Datasheet HTML 126Page - STMicroelectronics STV8247D Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 156 page
background image
123/156
STV82x7
Register List
Note: 1 For the use of volume and balance control please refer to Figure 20 and Figure 21.
2 In differential mode the left register is used for volume control and the right register is used for
balance control.
LS_L_VOLUME_MSB
LS_L_VOLUME_LSB
ANTICLIP_LS_VOL
_CLAMP
1
The output level is clamped depending on the LS Equalizer or LS Bass-Treble value to avoid any
possible signal clipping on LS output.
0: Volume clamp on LS output is not active
1: Volume clamp on LS output is active
Bits[5:4]
00
Reserved.
SCART_VOLUME_
MODE
0
Volume mode for SCART output:
0: independent
1: Differential
SRND_VOLUME_
MODE
1
Volume mode for Headphone output:
0: independent
1: Differential
HP_VOLUME_
MODE
1
Volume mode for Surround output:
0: independent
1: Differential
LS_VOLUME_
MODE
1
Volume mode for LS output:
0: independent
1: Differential
Address: D8h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LS_L_VOLUME_MSB[7:0]
Bit Name
Reset
Function
LS_L_VOLUME_
MSB[7:0]
1001
1000
LS 10 bits volume Left channel 8 MSB in independent mode or LS 10 bits volume Left and Right
channels 8 MSB in differential mode.
See Figure 20: Volume Control on page 38 for range values.
Address: D9h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
0
0
LS_L_VOLUME_LSB[1:0]
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com