Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 64 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 60Page - STMicroelectronics STPCI2GDY Datasheet HTML 61Page - STMicroelectronics STPCI2GDY Datasheet HTML 62Page - STMicroelectronics STPCI2GDY Datasheet HTML 63Page - STMicroelectronics STPCI2GDY Datasheet HTML 64Page - STMicroelectronics STPCI2GDY Datasheet HTML 65Page - STMicroelectronics STPCI2GDY Datasheet HTML 66Page - STMicroelectronics STPCI2GDY Datasheet HTML 67Page - STMicroelectronics STPCI2GDY Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
ELECTRICAL SPECIFICATIONS
64/111
Issue 1.0 - July 24, 2002
4.5.10 VGA INTERFACE
Table 4-19 lists the AC characteristics of the VGA
interface.
4.5.11 TFT INTERFACE
Table 4-20 lists the AC characteristics of the TFT
interface.
Table 4-19. Graphics Adapter (VGA) AC Timing
Name
Parameter
Min
Max
Unit
DCLK (input) Cycle Time
ns
DCLK (input) High Time
ns
DCLK (input) Low Time
ns
DCLK (input) Rising Time
ns
DCLK (input) Falling Time
ns
DCLK (input) to R,G,B valid
ns
DCLK (input) to HSYNC valid
ns
DCLK (input) to VSYNC valid
ns
DCLK (input) to COL_SEL valid
ns
DCLK (output) Cycle Time
ns
DCLK (output) High Time
ns
DCLK (output) Low Time
ns
DCLK (output) to R,G,B valid
ns
DCLK (output) to HSYNC valid
ns
DCLK (output) to VSYNC valid
ns
DCLK (output) to COL_SEL valid
ns
Table 4-20. TFT Interface Timings
Name
Parameters
Min
Max
Units
DCLK (input) to R[5:0], G[5:0], B[5;0]
nS
DCLK (input) to FPLINE
nS
DCLK (input) to FPFRAME
nS
DCLK (output) to R[5:0], G[5:0], B[5;0]
15
nS
DCLK (output) to FPLINE
15
nS
DCLK (output) to FPFRAME
15
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com