Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 29Page - STMicroelectronics STPCI2GDY Datasheet HTML 30Page - STMicroelectronics STPCI2GDY Datasheet HTML 31Page - STMicroelectronics STPCI2GDY Datasheet HTML 32Page - STMicroelectronics STPCI2GDY Datasheet HTML 33Page - STMicroelectronics STPCI2GDY Datasheet HTML 34Page - STMicroelectronics STPCI2GDY Datasheet HTML 35Page - STMicroelectronics STPCI2GDY Datasheet HTML 36Page - STMicroelectronics STPCI2GDY Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
STRAP OPTION
Issue 1.0 - July 24, 2002
33/111
3. STRAP OPTION
This chapter defines the STPC Atlas Strap
Options and their locations. Some strap options
are left programmable for future versions of
silicon. The strap options are sampled at a specific
point of the boot process. This is shown in detail in
Figure 4-3
Signal
Designation
Location
Actual
Settings
Set to ’0’
Set to ’1’
MD1
Reserved2
Not accessible
Pull Up
-
-
MD2
HCLK Speed
Index 5F,bit 6
User defined
See Section 3.1.3.
MD3
Index 5F,bit 7
User defined
MD[4]
PCI_CLKO Divisor
Index 4A,bit 1
Pull-up
See Section 3.1.1.
MD[5]
MCLK Synchro (see Section 3.1.1. )
Index 4A,bit 2
User defined
Async
Sync
MD[6]
PCI_CLKO Programming
Index 4A,bit 6
User defined
See Section 3.1.1.
MD[7]
Index 4A,bit 7
Pull-down
MD[8]
ISA / PCMCIA / Local Bus
Index 4A,bit 3
User defined
See Section 3.1.1.
MD[9]
Index 4A,bit 3
User defined
MD10
Reserved2
Index 4B,bit 2
Pull down
-
-
MD11
Reserved2
Index 4B,bit 3
Pull down
-
-
MD14
CPU clock Multiplication
Index 4B,bit 6
Pull-up
See Section 3.1.2.
MD15
Reserved2
Not accessible
Pull up
-
-
MD16
Reserved2
Not accessible
Pull up
-
-
MD17
PCI_CLKO Divisor
Index 4A,bit 0
User defined
See Section 3.1.1.
MD18
HCLK Pad Direction
Index 4C,bit 2
Pull-up
Input
Output
MD19
MCLK Pad Direction
Index 4C,bit 3
Pull-up
Hi-Z
Output
MD20
DCLK Pad Direction
Index 4C,bit 4
User defined
Input
Output
MD21
Reserved2
Index 5F,bit 0
Pull up
-
-
MD23
Reserved2
Index 5F,bit 2
Pull up
-
-
MD24
HCLK PLL Speed
Index 5F,bit 3
User defined
See Section 3.1.3.
MD25
Index 5F,bit 4
User defined
MD26
Index 5F,bit 5
User defined
MD27
Reserved2
Not accessible
Pull up
-
-
MD28
Reserved2
Not accessible
Pull up
-
-
MD29
Reserved2
Not accessible
Pull up
-
-
MD30
Reserved2
Not accessible
Pull up
-
-
MD31
Reserved2
Not accessible
Pull up
MD32
Reserved2
Not accessible
Pull down
MD33
Reserved2
Not accessible
Pull up
MD34
Reserved2
Not accessible
Pull down
MD35
Reserved2
Not accessible
Pull down
MD36
Local Bus Boot Device Size
Index 4B,bit 0
User defined
8-bit
16-bit
MD37
Reserved2
Not accessible
Pull down
-
-
MD38
Reserved2
Not accessible
Pull down
-
-
MD40
CPU clock Multiplication
Index 4B,bit 7
User defined
See Section 3.1.2.
MD41
Reserved2
Not accessible
Pull down
-
-
MD42
Reserved2
Not accessible
Pull up
-
-
MD 43
Reserved2
Not accessible
Pull down
-
-
Note1: Strap options on TC/PA[3] and DACK_ENC[2:0]/PA[2:0] are required for all the STPC Atlas Configurations (ISA,
PCMCIA, Local Bus).
Note2: Must be implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com