Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 13 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 9Page - STMicroelectronics STPCI2GDY Datasheet HTML 10Page - STMicroelectronics STPCI2GDY Datasheet HTML 11Page - STMicroelectronics STPCI2GDY Datasheet HTML 12Page - STMicroelectronics STPCI2GDY Datasheet HTML 13Page - STMicroelectronics STPCI2GDY Datasheet HTML 14Page - STMicroelectronics STPCI2GDY Datasheet HTML 15Page - STMicroelectronics STPCI2GDY Datasheet HTML 16Page - STMicroelectronics STPCI2GDY Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
PIN DESCRIPTION
Issue 1.0 - July 24, 2002
13/111
2. PIN DESCRIPTION
2.1. INTRODUCTION
The
STPC
Atlas
integrates
most
of
the
functionalities of the PC architecture. Therefore,
many of the traditional interconnections between
the host PC microprocessor and the peripheral
devices are totally internal to the STPC Atlas. This
offers improved performance due to the tight
coupling of the processor core and it’s peripherals.
As a result many of the external pin connections
are made directly to the on-chip peripheral
functions.
Table 2-1 describes the physical implementation
listing signal types and their functionalities. Table
2-2 provides a full pin listing and description.
Table 2-6 provides a full listing of the STPC Atlas
package pin location physical connection. Please
refer to the pin allocation drawing for reference.
Due to the number of pins available for the
package, and the number of functional I/Os, some
pins have several functions, selectable by strap
option on Reset. Table 2-4 provides a summary of
these pins and their functions.
Non multi-functional pins associated
with
a
particular function are not available for use
elsewhere when that function is disabled. For
example, when in the ISA mode, the Local Bus is
disabled totally and Local Bus pins are set to the
tri-state (high-impedance) condition.
Table 2-1. Signal Description
Group name
Qty
Basic Clocks, Reset & Xtal (SYS)
19
SDRAM Controller (SDRAM)
95
PCI Controller
51
ISA Controller
80
100
Local Bus I/F
67
PCMCIA Controller
62
IDE Controller
34
VGA Controller (VGA) / I2C10
Video Input Port
11
TFT output
24
USB Controller
6
Serial Interface
16
Keyboard/Mouse Controller
4
Parallel Port
18
GPIO Signals
16
JTAG Signals
5
Miscellaneous
5
Grounds
96
VDD 3.3 V/2.5 V
36
Reserved
4
Total Pin Count
516



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com