Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 40 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 36Page - STMicroelectronics STPCI2GDY Datasheet HTML 37Page - STMicroelectronics STPCI2GDY Datasheet HTML 38Page - STMicroelectronics STPCI2GDY Datasheet HTML 39Page - STMicroelectronics STPCI2GDY Datasheet HTML 40Page - STMicroelectronics STPCI2GDY Datasheet HTML 41Page - STMicroelectronics STPCI2GDY Datasheet HTML 42Page - STMicroelectronics STPCI2GDY Datasheet HTML 43Page - STMicroelectronics STPCI2GDY Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 111 page
background image
STRAP OPTION
40/111
Issue 1.0 - July 24, 2002
3.2. TYPICAL STRAP OPTION
IMPLEMENTATION
Table Table 3-1.shows the detailed Strap options
required to boot the STPC in ISA mode with a
Host Clock Frequency of 66MHz in X2 mode with
internal keyboard/mouse, UARTS and parallel
port enabled.
Signal
Designation
Actual
Settings
Description
MD1
Reserved2
Pull Up
-
MD2
HCLK Speed
Pull down
HCLK = 66MHz
MD3
Pull down
MD[4]
PCI_CLKO Divisor
Pull up
PCICLK = HCLK/2
MD[5]
MCLK Synchro (see Section 3.1.1. )
Pull down
Asynchronous
MD[6]
PCI_CLKO Programming
Pull up
PCICLK PLL Window =
32MHz - 64MHz
MD[7]
Pull down
MD[8]
ISA / PCMCIA / Local Bus
Pull down
ISA Mode
MD[9]
Pull down
MD10
Reserved2
Pull down
-
MD11
Reserved2
Pull down
-
MD14
CPU clock Multiplication
Pull up
X2 Mode
MD15
Reserved2
Pull up
-
MD16
Reserved2
Pull up
-
MD17
PCI_CLKO Divisor
Pull up
PCICLK = HCLK/2
MD18
HCLK Pad Direction
Pull up
Output
MD19
MCLK Pad Direction
Pull up
Output
MD20
DCLK Pad Direction
Pull up
Output
MD21
Reserved2
Pull up
-
MD23
Reserved2
Pull up
-
MD24
HCLK PLL Speed
Pull up
HCLK = 66MHz
MD25
Pull up
MD26
Pull down
MD27
Reserved2
Pull up
-
MD28
Reserved2
Pull up
-
MD29
Reserved2
Pull up
-
MD30
Reserved2
Pull up
-
MD31
Reserved2
Pull up
MD32
Reserved2
Pull down
MD33
Reserved2
Pull up
MD34
Reserved2
Pull down
MD35
Reserved2
Pull down
MD36
Local Bus Boot Device Size
User defined
Not Applicable
MD37
Reserved2
Pull down
-
MD38
Reserved2
Pull down
-
MD40
CPU clock Multiplication
Pull up
X2 mode
MD41
Reserved2
Pull down
-
MD42
Reserved2
Pull up
-
MD 43
Reserved2
Pull down
-
Note1: Strap options on TC/PA[3] and DACK_ENC[2:0]/PA[2:0] are required for all the STPC Atlas Configurations (ISA,
PCMCIA, Local Bus).
Note2: Must be implemented.
Table 3-1. Typical Strap Option Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com