Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 38 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 34Page - STMicroelectronics STPCI2GDY Datasheet HTML 35Page - STMicroelectronics STPCI2GDY Datasheet HTML 36Page - STMicroelectronics STPCI2GDY Datasheet HTML 37Page - STMicroelectronics STPCI2GDY Datasheet HTML 38Page - STMicroelectronics STPCI2GDY Datasheet HTML 39Page - STMicroelectronics STPCI2GDY Datasheet HTML 40Page - STMicroelectronics STPCI2GDY Datasheet HTML 41Page - STMicroelectronics STPCI2GDY Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
STRAP OPTION
38/111
Issue 1.0 - July 24, 2002
3.1.4. STRAP REGISTER 2
This register is read only with the exception of bit 4
STRAP2
Access = 0022h/0023h
Regoffset =04Ch
76543210
MD[53]
MD[52]
RSV
MD[20]
MD[19]
MD[18]
MD[51]
MD[50]
This register defaults to the values sampled on the MD pins after reset
Bit Number Sampled
Mnemonic
Description
Bit 7
MD[53]
This bit reflects the value sampled on MD[53] pin and determines
whether the internal Parallel Port Controller is used
0: Internal Parallel Port Controller is disabled
1: Internal Parallel Port Controller is enabled
Bit 6
MD[52]
This bit reflects the value sampled on MD[52] pin and determines
whether the internal Keyboard controller is used
0: Internal Keyboard Controller is disabled
1: Internal Keyboard Controller is enabled
Bit 5
Rsv
Reserved
Bit 4
MD[20]
This bit reflects the value sampled on MD[20] pin and controls the Dot
clock pin (DCLK) direction as follows:
0: Input.
1: Output of the internal frequency synthesizer DCLK PLL.
Bit 3
MD[19]
This bit reflects the value sampled on MD[19] pin and controls the
Memory clock output pin (MCLKO) as follows:
0: Tristated.
1: Output of the internal frequency synthesizer MCLKO PLL.
Bit 2
MD[18]
This bit reflects the value sampled on MD[18] pin and controls the Host
clock pin (HCLK) direction as follows:
0: Input.
1: Output of the internal frequency synthesizer HCLK PLL.
Bit 1
MD[51]
This bit reflects the value sampled on MD[51] pin and determines
whether the internal UART1 is enabled:
0: Internal UART1 is disabled
1: Internal UART1 is enabled
Bit 0
MD[50]
This bit reflects the value sampled on MD[50] pin and determines
whether the internal UART2 is enabled:
0: Internal UART2 is disabled
1: Internal UART2 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com