Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 26Page - STMicroelectronics STPCI2GDY Datasheet HTML 27Page - STMicroelectronics STPCI2GDY Datasheet HTML 28Page - STMicroelectronics STPCI2GDY Datasheet HTML 29Page - STMicroelectronics STPCI2GDY Datasheet HTML 30Page - STMicroelectronics STPCI2GDY Datasheet HTML 31Page - STMicroelectronics STPCI2GDY Datasheet HTML 32Page - STMicroelectronics STPCI2GDY Datasheet HTML 33Page - STMicroelectronics STPCI2GDY Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 111 page
background image
PIN DESCRIPTION
30/111
Issue 1.0 - July 24, 2002
E8
SERR#
C8
LOCK#
C14
PCI_REQ#[0]
B14
PCI_REQ#[1]
A14
PCI_REQ#[2]
A13
PCI_GNT#[0]
B13
PCI_GNT#[1]
C13
PCI_GNT#[2]
C20
LA[17]1
B21
LA[18]1
B20
LA[19]1
E19
LA[20]1
E18
LA[21]1
C21
LA[22]1
D19
LA[23]1
P22
SA[0]1
P23
SA[1]1
P24
SA[2]1
P25
SA[3]1
P26
SA[4]1
N26
SA[5]1
N25
SA[6]1
N24
SA[7]1
N23
SA[8]1
N22
SA[9]1
M26
SA[10]1
M25
SA[11]1
M24
SA[12]1
M23
SA[13]1
M22
SA[14]1
L26
SA[15]1
L25
SA[16]1
L24
SA[17]1
L23
SA[18]1
L22
SA[19]1
K24
SD[0]1
J26
SD[1]1
J25
SD[2]1
J24
SD[3]1
K23
SD[4]1
K22
SD[5]1
H26
SD[6]1
H25
SD[7]1
H24
SD[8]1
G26
SD[9]1
G25
SD[10]1
G24
SD[11]1
J22
SD[12]1
J23
SD[13]1
F26
SD[14]1
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4
F25
SD[15]1
F23
IOCHRDY1
D20
ALE1
K25
BHE#1
F24
MEMR#1
A22
MEMW#1
G23
SMEMR#1
E21
SMEMW#1
H22
IOR#1
E26
IOW#1
E25
MASTER#1
E24
MCS16#1
C22
IOCS16#1
G22
REF#1
E17
AEN1
A23
IOCHCK#1
U25
RTCRW#1
U26
RTCDS#1
U24
RTCAS1/FCS0#
U23
RMRTCCS#1
D22
GPIOCS#1
D24
IRQ_MUX[0]
E23
IRQ_MUX[1]
C26
IRQ_MUX[2]
F22
IRQ_MUX[3]
A24
DACK_ENC[0]
C23
DACK_ENC[1]1
B23
DACK_ENC[2]1
D26
DREQ_MUX[0]1
D25
DREQ_MUX[1]1
B24
TC1
B15
PCI_INT#[0]
A15
PCI_INT#[1]
E14
PCI_INT#[2]
D14
PCI_INT#[3]
B16
ISAOE#1
B22
KBCS#1
K26
ZWS#1
R23
PIRQ
R24
SIRQ
T22
PDRQ
T23
SDRQ
R25
PDACK#
R26
SDACK#
T25
PDIOR#
T24
PDIOW#
R22
SDIOR#
T26
SDIOW#
D18
PA[22]
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4
C19
PA[23]
B19
PA[24]
A17
FCS_0H
B17
FCS_0L
C16
FCS_1H
E16
FCS_1L
D17
IOCS#[4]
C18
IOCS#[5]
B18
IOCS#[6]
C17
IOCS#[7]
AD8
RED
AF8
GREEN
AC9
BLUE
AB10
VSYNC
AF9
HSYNC
AB9
VREF_DAC
AD9
RSET
AE8
COMP
AE9
VDD_DAC
AC10
VSS_DAC
AB15
VCLK
AF16
VIN[0]
AE16
VIN[1]
AC16
VIN[2]
AB16
VIN[3]
AF17
VIN[4]
AE17
VIN[5]
AD17
VIN[6]
AB17
VIN[7]
AD18
ODD_EVEN#
AF18
VCS
AE10
TFTR0
AF10
TFTR1
AB11
TFTR2
AD11
TFTR3
AE11
TFTR4
AF11
TFTR5
AB12
TFTG0
AC12
TFTG1
AD12
TFTG2
AE12
TFTG3
AF12
TFTG4
AB13
TFTG5
AC13
TFTB0
AD13
TFTB1
AE13
TFTB2
AF13
TFTB3
AF14
TFTB4
Table 2-6. Pinout
Pin#
Pin Name
Note1; This signal is multiplexed
see Table 2-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com