Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 17 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 13Page - STMicroelectronics STPCI2GDY Datasheet HTML 14Page - STMicroelectronics STPCI2GDY Datasheet HTML 15Page - STMicroelectronics STPCI2GDY Datasheet HTML 16Page - STMicroelectronics STPCI2GDY Datasheet HTML 17Page - STMicroelectronics STPCI2GDY Datasheet HTML 18Page - STMicroelectronics STPCI2GDY Datasheet HTML 19Page - STMicroelectronics STPCI2GDY Datasheet HTML 20Page - STMicroelectronics STPCI2GDY Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
PIN DESCRIPTION
Issue 1.0 - July 24, 2002
17/111
TFTB[5:2]
O BD4STRP_TC
Blue
4
TFTB[1:0]
O BD4STRP_FT
Blue
2
TFTLINE
O BD8STRP_TC
Horizontal Sync
1
TFTFRAME
O BD4STRP_TC
Vertical Sync
1
TFTDE
O BD4STRP_TC
Data Enable
1
TFTENVDD,
TFTENVCC
O BD4STRP_TC
Enable Vdd & Vcc of flat panel
2
TFTPWM
O BD8STRP_TC
PWM back-light control
1
TFTDCLK
O BT8TRP_TC
Dot clock for Flat Panel
1
VIDEO INPUT PORT
VCLK
I/O BD8STRP_FT
27-33 MHz Video Input Port Clock
1
VIN[7:0]
I
BD4STRP_FT
Video Input Data Bus
8
ODD_EVEN#
I/O BD4STRP_FT
Video Input Odd/even Field
1
VCS
I/O BD4STRP_FT
Video Input Horizontal Sync
1
USB INTERFACE
OC
I
TLCHTU_TC
Over Current Detect
1
USBDPLS[0]1
USBDMNS[0]1
I/O USBDS_2V5
Universal Serial Bus Port 0
2
USBDPLS[1]1
USBDMNS[1]1
I/O USBDS_2V5
Universal Serial Bus Port 1
2
POWERON1
O BT4CRP
USB power supply lines
1
SERIAL CONTROLLER
CTS0#, CTS1#
I
TLCHT_FT
Clear to send, MSR[4] status bit
2
DCD0#, DCD1#
I
TLCHT_FT
Data Carrier detect, MSR[7] status bit
2
DSR0#, DSR1#
I
TLCHT_FT
Data set ready, MSR[5] status bit.
2
DTR0#, DTR1#
O BD4STRP_TC
Data terminal ready, MSR[0] status bit
2
RI0#, RI1#
I
TLCHT_FT
Ring indicator, MSR[6] status bit
2
RTS0#, RTS1#
O BD4STRP_TC
Request to send, MSR[1] status bit
2
RXD0, RXD1
I
TLCHT_FT
Receive data, Input Serial Input
2
TXD0, TXD1
O BD4STRP_TC
Transmit data, Serial Output
2
KEYBOARD & MOUSE INTERFACE
KBCLK
I/O BD4STRP_TC
Keyboard Clock Line
1
KBDATA
I/O BD4STRP_TC
Keyboard Data Line
1
MCLK
I/O BD4STRP_TC
Mouse Clock Line
1
MDATA
I/O BD4STRP_TC
Mouse Data Line
1
PARALLEL PORT
PE
I
BD14STARP_FT
Paper End
1
SLCT
I
BD14STARP_FT
SELECT
1
BUSY#
I
BD14STARP_FT
BUSY
1
ERR#
I
BD14STARP_FT
ERROR
1
ACK#
I
BD14STARP_FT
Acknowledge
1
PDIR#
O BD14STARP_FT
Parallel Device Direction
1
STROBE#
O BD14STARP_FT
PCS / STROBE#
1
INIT#
O BD14STARP_FT
INIT
1
AUTOFD#
O BD14STARP_FT
Automatic Line Feed
1
SLCTIN#
O BD14STARP_FT
SELECT IN
1
PPD[7:0]
I/O BD14STARP_FT
Data Bus
8
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type1
Description
Qty
Note1; See Table 2-3 for buffer type descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com