Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCI2GDY Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPCI2GDY
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2GDY Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPCI2GDY Datasheet HTML 10Page - STMicroelectronics STPCI2GDY Datasheet HTML 11Page - STMicroelectronics STPCI2GDY Datasheet HTML 12Page - STMicroelectronics STPCI2GDY Datasheet HTML 13Page - STMicroelectronics STPCI2GDY Datasheet HTML 14Page - STMicroelectronics STPCI2GDY Datasheet HTML 15Page - STMicroelectronics STPCI2GDY Datasheet HTML 16Page - STMicroelectronics STPCI2GDY Datasheet HTML 17Page - STMicroelectronics STPCI2GDY Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
PIN DESCRIPTION
14/111
Issue 1.0 - July 24, 2002
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type1
Description
Qty
BASIC CLOCKS AND RESETS
SYSRSTI#
I
SCHMITT_FT
System Reset / Power good
1
SYSRSTO#
O BD8STRP_FT
Reset Output to System
1
XTALI
I
OSCI13B
14.31818 MHz Crystal Input
External Oscillator Input
1
XTALO
O
14.31818 MHz Crystal Output
1
PCI_CLKI
I
TLCHT_FT
33 MHz PCI Input Clock
1
PCI_CLKO
O BT8TRP_TC
33 MHz PCI Output Clock
1
ISA_CLK,
ISA_CLK2X
O BT8TRP_TC
ISA Clock x1 and x2
Multiplexer Select Line for IPC
2
OSC14M
O BD8STRP_FT
ISA bus synchronisation clock
1
HCLK
I/O BD4STRP_FT
66 MHz Host Clock (Test pin)
1
DEV_CLK
O BT8TRP_TC
24 MHz Peripheral Clock
1
DCLK
I/O BD4STRP_FT
135 MHz Dot Clock
1
VDD_xxx_PLL
2.5V Power Supply for PLL Clocks
7
MEMORY CONTROLLER
MCLKI
I
TLCHT_TC
Memory Clock Input
1
MCLKO
O BT8TRP_TC
Memory Clock Output
1
CS#[1:0]
O BD8STRP_TC
DIMM Chip Select
2
CS#[3]/MA[12]/BA[1]
O BD16STARUQP_TC
DIMM Chip Select
Memory Address
Bank Address
1
CS#[2]/MA[11]
O BD16STARUQP_TC
DIMM Chip Select
Memory Address
1
MA[10:0]
O BD16STARUQP_TC
Memory Row & Column Address
11
BA[0]
O BD16STARUQP_TC
Bank Address
1
RAS#[1:0]
O BD16STARUQP_TC
Row Address Strobe
2
CAS#[1:0]
O BD16STARUQP_TC
Column Address Strobe
2
MWE#
O BD16STARUQP_TC
Write Enable
1
MD[0]
I/O BD8STRUP_FT
Memory Data
1
MD[53:1]
I/O BD8TRP_TC
Memory Data
53
MD[63:54]
I/O BD8STRUP_FT
Memory Data
10
DQM[7:0]
O BD8STRP_TC
Data Input/Ouput Mask
8
PCI INTERFACE
AD[31:0]
I/O BD8PCIARP_FT
Address / Data
32
CBE[3:0]
I/O BD8PCIARP_FT
Bus Commands / Byte Enables
4
FRAME#
I/O BD8PCIARP_FT
Cycle Frame
1
TRDY#
I/O BD8PCIARP_FT
Target Ready
1
IRDY#
I/O BD8PCIARP_FT
Initiator Ready
1
STOP#
I/O BD8PCIARP_FT
Stop Transaction
1
DEVSEL#
I/O BD8PCIARP_FT
Device Select
1
PAR
I/O BD8PCIARP_FT
Parity Signal Transactions
1
PERR#
I/O BD8PCIARP_FT
Parity Error
1
SERR#
O BD8PCIARP_FT
System Error
1
LOCK#
I
TLCHT_FT
PCI Lock
1
PCI_REQ#[2:0]
I
BD8PCIARP_FT
PCI Request
3
PCI_GNT#[2:0]
O BD8PCIARP_FT
PCI Grant
3
PCI_INT#[3:0]
I
BD4STRUP_FT
PCI Interrupt Request
4
Note1; See Table 2-3 for buffer type descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com