Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF372 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor
MRF372R3 MRF372R5
Figure 2. 860 MHz Narrowband DC Bias Networks
VGG
VDD
L4
R4
R5
L2
R3
GATE
DRAIN
L3
R1
C5
C3
+
R2
L1
C8
C7
C12
C10
Table 5. 860 MHz Narrowband DC Bias Networks Component Designations and Values
Designation
Description
C1
2.2 pF Chip Capacitor, ATC
C2
0.5 — 5.0 pF Variable Capacitor, Johansen Gigatrim
C3A, B
22 mF, 22 V Tantalum Chip Capacitors, Kemet #T491D226K22AS
C4A, B, C14A, B
47.0 pF Chip Capacitors, ATC
C5A, B
100 pF Chip Capacitors, ATC
C6
10.0 pF Chip Capacitor, ATC
C7A, B
2.7 pF Chip Capacitors, ATC
C8A, B
1.0 mF, 100 V Chip Capacitors, Vitramon #VJ3640Y105KXBAT
C9
10.0 pF Chip Capacitor, ATC
C10A, B
2.2 mF, 100 V Chip Capacitors, Vitramon #VJ3640Y225KXBAT
C11
5.1 pF Chip Capacitor, ATC
C12A, B
0.01 mF, 100 V Chip Capacitors, Kemet #VJ1210Y103KXBAT
C13
3.9 pF Chip Capacitor, ATC
C15
1.2 pF Chip Capacitor, ATC
L1A, B
130 nH, Coilcraft #132-11SM
L2A, B
#24 AWG, 3 Turns Loose, Fair Rite #2643706001
L3A, B
3.85 nH, Coilcraft #0906-4
L4A, B
5.0 nH, Coilcraft #A02T
R1A, B, R2A, B
R4A, B, R5A, B
180 Ω, 1/4 W Chip Resistors, Vishay Dale (1210)
R3A, B
12 Ω, 1/8 W Chip Resistors, Vishay Dale (1206)
PCB
MRF372 Printed Circuit Board Rev 1a, Rogers RO4350,
Height 30 mils, εr = 3.48
Balun A, B
Vertical 860 MHz Broadband Balun, Printed Circuit Board
Rev 01, Rogers RO3010, Height 50 mils, εr = 10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com