Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF372 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor
MRF372R3 MRF372R5
+
Figure 10. 470-860 MHz Broadband DC Bias Networks
VGG
VDD
L3
R9A
R9B
R5
GATE
DRAIN
L2
R6
C9
R7
C7
C18
C17
C16
C8
R2
R3
R4T
+
Table 6. 470-860 MHz Broadband DC Bias Networks Component Designations and Values
Designation
Description
C1
0.7 pF Chip Capacitor, ATC
C2, C13
0.8 — 8.0 pF Variable Capacitors, Johansen Gigatrim
C3A, B, C14A, B, C, D
100 pF Chip Capacitors, ATC
C4
4.7 pF,Chip Capacitor, ATC
C5
7.5 pF Chip Capacitor, ATC
C6
10.0 pF Chip Capacitor, ATC
C7A, B
6.2 pF Chip Capacitors, ATC
C8A, B
22 mF, 22 V Tantalum Chip Capacitors, Kemet #T491D226K22AS
C9A, B
0.1 mF, 100 V Chip Capacitors, Vitramon #VJ3640Y104KXBAT
C10
13 pF Chip Capacitor, ATC
C11
6.8 pF Chip Capacitor, ATC
C12
3.9 pF Chip Capacitor, ATC
C15A, B
3.3 pF Chip Capacitors, ATC
C16A, B
10 mF, 35 V Tantalum Chip Capacitors, Kemet #T491D106K35AS
C17A, B
3.3 mF, 100 V Chip Capacitors, Vitramon #VJ3640Y335KXBAT
C18A, B
0.01 mF Chip Capacitors, ATC
L1A, B
12.55 nH, Coilcraft #1606-10
L2A, B
5.45 nH, Coilcraft #0906-5
L3A, B, C
12.5 nH, Coilcraft #A04T
R1A, B
10 Ω, 1/4 W Chip Resistors, Vishay Dale (1210)
R2A, B
2.2 kΩ, 1/4 W Chip Resistors, Vishay Dale (1210)
R3A, B, R10A, B
390 Ω, 1/8 W Chip Resistors, Vishay Dale (1206)
R4TA, B
520 Ω, Thermistor, Vishay #NTHS—1206J14520R5%
R5A, B
6.2 Ω, 1/4 W Chip Resistors, Vishay Dale (1210)
R6A, B
6.8 kΩ, 1/4 W Chip Resistors, Vishay Dale (1210)
R7
100 kΩ Potentiometer, Bourns
R8
47.3 kΩ, 1/8 W Chip Resistor, Vishay Dale (1206)
R9A, B, C, D
180 Ω, 1/4 W Chip Resistors, Vishay Dale (1210)
PCB
MRF372 Printed Circuit Board Rev 1a, Rogers RO4350,
Height 30 mils, εr = 3.48
Balun A, B
Vertical 660 MHz Broadband Balun, Printed Circuit Board
Rev 01, Rogers RO3010, Height 50 mils, εr = 10.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com