Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF372 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
RF Device Data
Freescale Semiconductor
MRF372R3 MRF372R5
TYPICAL TWO-TONE NARROWBAND CHARACTERISTICS
Figure 4. COFDM Performance (860 MHz)
Pout, OUTPUT POWER (WATTS) AVG.
Figure 5. 8-VSB Performance (860 MHz)
Pout, OUTPUT POWER (WATTS) AVG.
Figure 6. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 7. Intermodulation Distortion versus
Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 8. Drain Efficiency versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
0
5
10
15
20
25
30
35
−50
−45
−40
−35
−30
−25
−20
−15
10
100
5
10
15
20
25
30
35
40
−50
−45
−40
−35
−30
−25
−20
−15
10
100
10
12
14
16
18
20
10
100
−50
−45
−40
−35
−30
−25
−20
−15
−10
10
100
5
10
15
20
25
30
35
40
45
10
100
VDD = 32 Vdc
IDQ = 800 mA
f1 = 857 MHz
f2 = 863 MHz
800 mA
IDQ = 400 mA
1.2 A
VDD = 32 Vdc
f1 = 857 MHz
f2 = 863 MHz
1.6 A
800 mA
1.2 A
VDD = 32 Vdc
f1 = 857 MHz
f2 = 863 MHz
IDQ = 1600 mA
IMR
Gps
h
IMR
Gps
h
VDD = 32 Vdc
IDQ = 1600 mA
6 dB Peak/Avg. Ratio
400 mA
VDD = 32 Vdc
IDQ = 1600 mA
2 K Mode 64 QAM
10 dB Peak/Avg. Ratio
Note:
IMR measured using Delta Marker Method.
Note:
IMR measured using Delta Marker Method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com