Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 13Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 14Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 15Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 16Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MRF372R3 MRF372R5
15
RF Device Data
Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 375G-04
ISSUE G
1
2
34
5
D
Q
G
L
K
2X
H
E
F
C
SEATING
PLANE
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M−1994.
3. DIMENSION H TO BE MEASURED 0.030 (0.762)
AWAY FROM PACKAGE BODY.
4. RECOMMENDED BOLT CENTER DIMENSION
OF 1.140 (28.96) BASED ON 3M SCREW.
4X
B
A
T
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.335
1.345
33.91
34.16
INCHES
B
0.380
0.390
9.65
9.91
C
0.180
0.224
4.57
5.69
D
0.325
0.335
8.26
8.51
E
0.060
0.070
1.52
1.78
F
0.004
0.006
0.10
0.15
G
H
0.097
0.107
2.46
2.72
K
0.135
0.165
3.43
4.19
L
N
0.851
0.869
21.62
22.07
Q
0.118
0.138
3.00
3.30
R
0.395
0.405
10.03
10.29
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. GATE
4. GATE
5. SOURCE
1.100 BSC
0.425 BSC
27.94 BSC
10.8 BSC
J
0.2125 BSC
5.397 BSC
M
0.852
0.868
21.64
22.05
S
0.394
0.406
10.01
10.31
bbb
0.010 REF
0.25 REF
ccc
0.015 REF
0.38 REF
M
A
M
bbb
B M
T
M
A
M
bbb
B M
T
B (FLANGE)
4X
M
A
M
bbb
B M
T
M
A
M
ccc
B M
T
R (LID)
S (INSULATOR)
J
M
A
M
bbb
B M
T
M
A
M
ccc
B M
T
N
(LID)
M
(INSULATOR)
A
4
NI-860C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com