Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF372 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
Freescale Semiconductor
MRF372R3 MRF372R5
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Drain-Source Breakdown Voltage
(VGS = 0 Vdc, ID =10 μA)
V(BR)DSS
68
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 32 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics
Gate Threshold Voltage (1)
(VDS = 10 V, ID = 200 μA)
VGS(th)
2
3
4
Vdc
Gate Quiescent Voltage (2)
(VDS = 32 V, ID = 100 mA)
VGS(Q)
2.5
3.5
4.5
Vdc
Drain-Source On-Voltage (1)
(VGS = 10 V, ID = 3 A)
VDS(on)
—
0.28
0.45
Vdc
Forward Transconductance
(VDS = 10 V, ID = 3 A)
gfs
—
2.6
—
S
Dynamic Characteristics (1)
Input Capacitance (Includes Input Matching Capacitance)
(VDS = 32 V, VGS = 0 V, f = 1 MHz)
Ciss
—
260
—
pF
Output Capacitance
(VDS = 32 V, VGS = 0 V, f = 1 MHz)
Coss
—
69
—
pF
Reverse Transfer Capacitance
(VDS = 32 V, VGS = 0 V, f = 1 MHz)
Crss
—
2.5
—
pF
Functional Characteristics, Narrowband Operation (2) (In Freescale MRF372 Narrowband Circuit, 50 ohm system)
Common Source Power Gain
(VDD = 32 V, Pout = 180 W PEP, IDQ = 800 mA,
f1 = 857 MHz, f2 = 863 MHz)
Gps
16
17
—
dB
Drain Efficiency
(VDD = 32 V, Pout = 180 W PEP, IDQ = 800 mA,
f1 = 857 MHz, f2 = 863 MHz)
η
33
36
—
%
Intermodulation Distortion
(VDD = 32 Vdc, Pout = 180 W PEP, IDQ = 800 mA,
f1 = 857 MHz, f2 = 863 MHz)
IMD
—
-35
-31
dBc
Typical Characteristics, Broadband Operation (2) (In Freescale MRF372 Broadband Circuit, 50 ohm system)
Common Source Power Gain
(VDD = 32 Vdc, Pout = 180 W PEP, IDQ = 1000 mA,
f1 = 857 MHz, f2 = 863 MHz)
Gps
—
14.5
—
dB
Drain Efficiency
(VDD = 32 Vdc, Pout = 180 W PEP, IDQ = 1000 mA,
f1 = 857 MHz, f2 = 863 MHz)
η
—
37
—
%
Intermodulation Distortion
(VDD = 32 Vdc, Pout = 180 W PEP, IDQ = 1000 mA,
f1 = 857 MHz, f2 = 863 MHz)
IMD
—
-31
—
dBc
1. Each side of device measured separately.
2. Measurement made with device in push-pull configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com