Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF372 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MRF372R3 MRF372R5
1
RF Device Data
Freescale Semiconductor
RF Power Field-Effect Transistor
N-Channel Enhancement-Mode Lateral MOSFET
Designed for broadband commercial and industrial applications with frequen-
cies from 470 to 860 MHz. The high gain and broadband performance of this
device make it ideal for large-signal, common source amplifier applications in
32 volt transmitter equipment.
• Typical Narrowband Two-Tone Performance @ f1 = 857 MHz,
f2 = 863 MHz, 32 Volts
Output Power — 180 Watts PEP
Power Gain — 17 dB
Efficiency — 36%
IMD — -35 dBc
• Typical Broadband Two-Tone Performance @ f1 = 857 MHz,
f2 = 863 MHz, 32 Volts
Output Power — 180 Watts PEP
Power Gain — 14.5 dB
Efficiency — 37%
IMD — -31 dBc
• Capable of Handling 3:1 VSWR @ 32 Vdc, 857 MHz, 90 Watts CW Output
Power
Features
• Internally Matched for Ease of Use
• Integrated ESD Protection
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
R5 Suffix = 50 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +68
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Drain Current - Continuous
ID
17
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
350
2.0
W
W/°C
Storage Temperature Range
Tstg
-65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
0.5
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
Document Number: MRF372
Rev. 9, 5/2006
Freescale Semiconductor
Technical Data
470-860 MHz, 180 W, 32 V
LATERAL N-CHANNEL
RF POWER MOSFET
CASE 375G-04, STYLE 1
NI-860C3
MRF372R3
MRF372R5
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF372

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
More results

Similar Description - MRF372

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com