Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF372 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MRF372R3 MRF372R5
5
RF Device Data
Freescale Semiconductor
R4B
PCB Substrate (30 mil thick)
Motorola Vertical 860 MHz Balun
Rogers RO3010 (50 mil thick)
55 mil slot cut
out to accept Balun
Input
(50 ohm microstrip)
Output 2
(12.5 ohm microstrip)
Ground
Vertical Balun Mounting Detail
Note:
Trim Balun PCB so that a 35 mil "tab"
fits into the main PCB slot" resulting
in Balun solder pads being level with
the PCB substrate solder pads when
fully inserted.
Output 1
(12.5 ohm microstrip)
MRF372
Rev 1a
C9
R1A
C3A
R2A
C3B
L1B
R2B
R1B
C10B
C10A
C1
C2
C4A
C4B
R3A
C6
C11
C13
L4B
L4A
C8A
C14A
C15
R3B
C14B
C8B
L2B
L2A
L1A
C5A
L3B
C5B
C7A
C7B
C12A
R5A
R4A
C12B
R5B
Figure 3. 860 MHz Narrowband Component Layout
L3A
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale
Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the
transition period. These changes will have no impact on form, fit or function of the current product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com