Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MRF372
Description  RF Power Field-Effect Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF372 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MRF372 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 12Page - Freescale Semiconductor, Inc MRF372 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MRF372R3 MRF372R5
9
RF Device Data
Freescale Semiconductor
MRF372
L1A
C5
C10 C11
R6A
C8A
R9A
R4TA
R3A
L2A
C15A
L3A
C16A
L1B
C14B
L2B
C15B
C16B
C14A
R6B
C14D
C12
C13
L3C
C17B
R3B
R2B
C1
C3A
C3B
C4
C6
C7A
C7B
R4TB
R1B
R5A
R5B
R7
R1A
C14C
C2
C9A
C9B
R8
R9C
R10A
R10B
C18A
C18B
C17A
R9B
C8B
R2A
L3B
R9D
Rev. 1a
Figure 11. 470-860 MHz Broadband Component Layout
PCB Substrate (30 mil thick)
Motorola Vertical 660 MHz Balun
Rogers RO3010 (50 mil thick)
55 mil slot cut
out to accept Balun
Input
(50 ohm microstrip)
Output 2
(12.5 ohm microstrip)
Ground
Vertical Balun Mounting Detail
Note:
Trim Balun PCB so that a 35 mil tab"
fits into the main PCB slot" resulting
in Balun solder pads being level with
the PCB substrate solder pads when
fully inserted.
Output 1
(12.5 ohm microstrip)
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale
Semiconductor signature/logo. PCBs may have either Motorola or Freescale markings during the
transition period. These changes will have no impact on form, fit or function of the current product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com